Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4755T Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4755T
Description  Stereo 11W Audio Power Amplifier with Mute
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4755T Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4755T Datasheet HTML 5Page - National Semiconductor (TI) LM4755T Datasheet HTML 6Page - National Semiconductor (TI) LM4755T Datasheet HTML 7Page - National Semiconductor (TI) LM4755T Datasheet HTML 8Page - National Semiconductor (TI) LM4755T Datasheet HTML 9Page - National Semiconductor (TI) LM4755T Datasheet HTML 10Page - National Semiconductor (TI) LM4755T Datasheet HTML 11Page - National Semiconductor (TI) LM4755T Datasheet HTML 12Page - National Semiconductor (TI) LM4755T Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics(Note 5) (Continued)
Application Information
The LM4755 contains circuitry to pull down the bias line in-
ternally, effectively shutting down the input stage. An exter-
nal R-C should be used to adjust the timing of the pull-down.
If the bias line is pulled down too quickly, currents induced in
the internal bias resistors will cause a momentary DC volt-
age to appear across the inputs of each amplifier’s internal
differential pair, resulting in an output DC shift towards Vsup-
ply. An R-C timing circuit should be used to limit the pull-
down time such that output “pops” and signal feedthroughs
will be minimized. The pull-down timing is a function of a
number of factors, including the internal mute circuitry, the
voltage used to activate the mute, the bias capacitor, the
half-supply voltage, and internal resistances used in the half-
supply generator.
Table 1 shows a list of recommended val-
ues for the external R-C.
TABLE 1. Recommended Values for Mute Circuit
V
MUTE
V
CC
Rm
Cm
5V
12V
18 k
10 µF
5V
15V
18 k
10 µF
5V
20V
12 k
10 µF
5V
24V
12 k
10 µF
5V
28V
8.2 k
10 µF
5V
30V
8.2 k
10 µF
CAPACITOR SELECTION AND FREQUENCY
RESPONSE
With the LM4755, as in all single supply amplifiers, AC cou-
pling capacitors are used to isolate the DC voltage present at
the inputs (pins 3, 7) and outputs (pins 1, 8). As mentioned
earlier in the External Components section these capaci-
tors create high-pass filters with their corresponding input/
output impedances. The Typical Application Circuit shown
in
Figure 1 shows input and output capacitors of 0.1 µF and
1,000 µF respectively. At the input, with an 83 k
Ω typical in-
put resistance, the result is a high pass 3 dB point occurring
at 19 Hz. There is another high pass filter at 39.8 Hz created
with the output load resistance of 4
Ω. Careful selection of
these components is necessary to ensure that the desired
frequency response is obtained. The Frequency Response
curves in the Typical Performance Characteristics section
show how different output coupling capacitors affect the low
frequency roll-off.
OPERATING IN BRIDGE-MODE
Though designed for use as a single-ended amplifier, the
LM4755 can be used to drive a load differentially (bridge-
mode). Due to the low pin count of the package, only the
non-inverting inputs are available. An inverted signal must
be provided to one of the inputs. This can easily be done with
the use of an inexpensive op-amp configured as a standard
inverting amplifier. An LF353 is a good low-cost choice. Care
must be taken, however, for a bridge-mode amplifier must
theoretically dissipate four times the power of a single-ended
type. The load seen by each amplifier is effectively half that
of the actual load being used, thus an amplifier designed to
drive a 4
Ω load in single-ended mode should drive an 8Ω
load when operating in bridge-mode.
Power Dissipation vs Output Power
DS100059-60
Power Dissipation vs Output Power
DS100059-61
www.national.com
9


Similar Part No. - LM4755T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TS/NOPB TI1-LM4755TS/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TSX/NOPB TI1-LM4755TSX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
More results

Similar Description - LM4755T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
[Old version datasheet]   LM4752 Stereo 11W Audio Power Amplifier
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com