Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSM8W10 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSM8W10
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSM8W10 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSM8W10 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSM8W10 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSM8W10 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd YSM8W10 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
REV_02
Yea Shin Technology Co., Ltd.
Transient Voltage Suppressors
YSM8W Series
8 Watters TVS/Power Zener Diode
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
Peak pulse power dissipation
10/1000 µs waveform
PPPM
6600
W
10/10 000 µs waveform
5200
Power dissipation on infinite heatsink at TC = 25 °C
PD
8.0
W
Peak forward surge current 8.3 ms single half sine-wave
IFSM
700
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part Number
Breakdown
Voltage
VBR
(V)
Test
Current
IT
(mA)
Stand-OFF
Voltage
VWM
(V)
Maximum
Reverse
Leakage at
VWM
ID (uA)
Maximum
Leakage
at VWM
TJ = 175 ℃
ID (uA)
Max. Peak
Pulse Current
at 10/1000 us
Waveform (A)
Maximum
Clamping
Voltage at
IPPM
VC (V)
Min.
Max.
YSM8W10
11.1
13.6
5.0
10.0
15
250
351
18.8
YSM8W10A
12.3
5.0
10.0
15
250
388
17.0
YSM8W11
12.2
14.9
5.0
11.0
10
150
328
20.1
YSM8W11A
13.5
5.0
11.0
10
150
363
18.2
YSM8W12
13.3
16.3
5.0
12.0
10
150
300
22.0
YSM8W12A
14.7
5.0
12.0
10
150
332
19.9
YSM8W13
14.4
17.6
5.0
13.0
10
150
277
23.8
YSM8W13A
15.9
5.0
13.0
10
150
307
21.5
YSM8W14
15.6
19.1
5.0
14.0
10
150
256
25.8
YSM8W14A
17.2
5.0
14.0
10
150
284
23.2
YSM8W15
16.7
20.4
5.0
15.0
10
150
245
26.9
YSM8W15A
18.5
5.0
15.0
10
150
270
24.4
YSM8W16
17.8
21.8
5.0
16.0
10
150
229
28.8
YSM8W16A
19.7
5.0
16.0
10
150
254
26.0
YSM8W17
18.9
23.1
5.0
17.0
10
150
216
30.5
YSM8W17A
20.9
5.0
17.0
10
150
239
27.6
YSM8W18
20.0
24.4
5.0
18.0
10
150
205
32.2
YSM8W18A
22.1
5.0
18.0
10
150
226
29.2
YSM8W20
22.2
27.1
5.0
20.0
10
150
184
35.8
YSM8W20A
24.5
5.0
20.0
10
150
204
32.4
YSM8W22
24.4
29.8
5.0
22.0
10
150
168
39.4
YSM8W22A
26.9
5.0
22.0
10
150
186
35.5
YSM8W24
26.7
32.6
5.0
24.0
10
150
153
43.0
YSM8W24A
29.5
5.0
24.0
10
150
170
38.9
YSM8W26
28.9
35.3
5.0
26.0
10
150
142
46.6
YSM8W26A
31.9
5.0
26.0
10
150
157
42.1
YSM8W28
31.1
38.0
5.0
28.0
10
150
132
50.1
YSM8W28A
34.4
5.0
28.0
10
150
145
45.4
YSM8W30
33.3
40.7
5.0
30.0
10
150
123
53.5
YSM8W30A
36.8
5.0
30.0
10
150
136
48.4
YSM8W33
36.7
44.9
5.0
33.0
10
150
112
59.0
YSM8W33A
40.6
5.0
33.0
10
150
124
53.3
YSM8W36
40.0
48.9
5.0
36.0
10
150
103
64.3
YSM8W36A
44.2
5.0
36.0
10
150
114
58.1
YSM8W40
44.4
54.3
5.0
40.0
10
150
92.4
71.4
YSM8W40A
49.1
5.0
40.0
10
150
102
64.5
YSM8W43
47.8
58.4
5.0
43.0
10
150
86
76.7
YSM8W43A
52.8
5.0
43.0
10
150
95.1
69.4


Similar Part No. - YSM8W10

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSM8W YEASHIN-YSM8W Datasheet
285Kb / 5P
   Transient Voltage Suppressors family
More results

Similar Description - YSM8W10

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com