Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRL12150W Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # HRL12150W
Description  Valve Regulated Lead Acid Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

HRL12150W Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  HRL12150W_17 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 10 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77)
Eurobat (20℃) : 10-12 years, Long Life
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 61056-1/2:2012
Nominal Capacity
1116A
15.0A
Terminal hardware Torque
ABS (UL 94-HB) & Flame Retardant (94-V0) available upon request
Length (L)
195.6±2.0 mm
7.70±0.08 inch
Width (W)
130.0±1.5 mm
5.12±0.06 inch
Container Height (h)
172.0±2.0 mm
6.77±0.08 inch
Overall Height (H)
172.0±2.0 mm
6.77±0.08 inch
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
--
--
169
153
127
116
86.7
69.6
50.4
36.4
28.9
20.8
1.67V
--
--
152
139
116
107
82.2
66.3
48.4
35.3
28.6
20.5
1.70V
--
--
144
132
112
103
80.0
64.7
47.5
34.8
28.4
20.4
1.75V
--
--
132
122
104
96.8
76.0
62.0
45.7
33.6
27.8
20.0
1.80V
--
--
119
111
96.2
90.0
71.1
58.4
43.8
32.2
26.8
19.5
1.85V
--
--
107
100
88.0
82.8
67.0
55.1
41.7
30.9
25.0
18.6
F.V/Time
2MIN
4MIN
5MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
45MIN
60MIN
90MIN
1.60V
--
--
1794
1636
1373
1263
968
788
577
421
335
244
1.67V
--
--
1624
1494
1275
1182
935
753
559
415
334
239
1.70V
--
--
1549
1430
1228
1143
916
737
548
409
332
236
1.75V
--
--
1422
1321
1149
1075
877
704
530
399
325
231
1.80V
--
--
1302
1217
1069
1006
825
675
507
383
314
226
1.85V
--
--
1188
1118
996
943
773
639
486
364
296
222
Please refer to the official site for the lastest rating confirmation. URL: www.csb-battery.com
Issued:
161101
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
150W @15min-rate to 1.67V per cell @25℃ (77℉)
HRL series
HRL 12150W 12V 150W
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)
Weight
Approx. 11.75 Kg (25.90 lbs)
Maximum Discharge Current
225A (5sec)
Internal Resistance
Approx. 7.30 mΩ
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
Short Circuit Current
Maximum Charge Current
Terminal types
I2 thread lead alloy terminal to accept M6 bolt
138.6 Kgf-cm / 120.3 Ibf-in / 13.58 N-m
Container Material
Dimensions
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
BUSINESS HEADQUARTERS
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)


Similar Part No. - HRL12150W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HRL12150W CSB-BATTERY-HRL12150W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
More results

Similar Description - HRL12150W_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ400 CSB-BATTERY-MSJ400_17 Datasheet
520Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ500 CSB-BATTERY-MSJ500_17 Datasheet
521Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ650 CSB-BATTERY-MSJ650_17 Datasheet
518Kb / 1P
   Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
   Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com