Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1581D25 Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # GS1581D25
Description  5-Terminal Dual Input Dropout Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D25 Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D25 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D25 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 6 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Application Information
The S5JGS1581D series of adjustable and fixed regulators are designed to power the new generation of
microprocessors. The S5JGS1581D is designed to make use of multiple power supplies, present in most systems,
to reduce the dropout voltage. One of the advantages of the two supply approach is maximizing the efficiency.
The second supply is at least 1V greater than output voltage and is providing the power for the control circuitry
and supplies the drive current to the NPN output transistor. This allows the NPN output transistor to be driven into
saturation. For the control voltage the current requirement is small equal to about 1% of the output current. This
drive current becomes part of the output current. The maximum voltage on the Control pin is 12V. The maximum
voltage at the Power pin is 7V. By tying the control and power inputs together the S5JGS1581D can also be
operated as a single supply device. In single supply operation the dropout will be determined by the minimum
control voltage.
Both fixed and adjustable versions have remote sense pins, permitting very accurate regulation of output
voltage. As a result, over an output current range of 100mA ~ 5A, the typical load regulation are less than 1mV. For
the fixed voltages the adjust pin is brought out allowing the user to improve transient response by bypassing the
internal resistor divider. Optimum transient response is provided using a capacitor in the range of 0.1µF ~ 1µF for
bypassing the Adjust pin.
In addition to the enhancements mentioned, the reference accuracy has been improved by a factor of two with
a guaranteed initial tolerance of ±1% at 25ºC and 1.6% accuracy over the full temperature and load current range.
Typical applications for the S5JGS1581D include 3.3V to 2.5V conversion with a 5V control supply, 5V to 4.2V
conversion with a 12V control supply. The device is fully protected against over current and over temperature
conditions.
GROUNDING AND OUTPUT SENSEING
The S5JGS1581 allows true Kelvin sensing for both the high and low side of the load. As a result the voltage
regulation at the load can be easily optimized. Voltage drops due to parasitic resistances between the regulator
and the load can be placed inside the regulation loop. The advantages of the remote sensing are illustrated in
Figures 1 through 3.
Figure 1 shows the device connected as a conventional 3 terminal regulator with the sense lead connected
directly to the output of the device. Rp is the parasitic resistance of the connections between the device and the
load. Trace A of Figure 3 illustrates the effect of Rp.
Figure 2 shows the device connected to take advantage of the remote sense feature. The Sense pin and the
top of the resistor divider are connected to the top of the load.


Similar Part No. - GS1581D25

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Similar Description - GS1581D25

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5JGS1581D SECOS-S5JGS1581D_15 Datasheet
942Kb / 8P
   Dual Input Dropout Regulators
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
logo
Global Mixed-mode Techn...
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com