Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF4230 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4230
Description  SAW BANDPASS FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4230 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4230 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4230 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4230 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4230 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4230 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4230 Datasheet HTML 6Page - Advanced Crystal Technology ACTF4230 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
433.92
-
MHz
Maximum Insertion Loss in 433.05 MHz–434.79MHz
IL
-
1.3
2.0
dB
Amplitude Variation in 433.05 MHz–434.79MHz
0.15
1.0
dB
Absolute Attenuation
α
0.30 … 300.0MHz
50
60
-
dB
300.00 … 415.00 MHz
50
55
-
dB
454.00 … 457.00 MHz
40
50
dB
475.00 … 479.00 MHz
50
60
dB
1000.00 … 1500.00 MHz
40
45
-
dB
1500.00 … 2000.00 MHz
35
40
dB
Input VSWR 433.05 MHz–434.79MHz
-
1.4
2.0
Output VSWR in 433.05 MHz–434.79MHz
-
1.4
2.0
Group delay ripple
433.05 MHz–434.79MHz
30
60
ns
Source / Load Impedance (single ended)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -


Similar Part No. - ACTF4230

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF420 ACT-ACTF420 Datasheet
89Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF420/315.0/QCC8C ACT-ACTF420/315.0/QCC8C Datasheet
89Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4201 ACT-ACTF4201 Datasheet
381Kb / 6P
   RF filter
ACTF4201-415-DCC8 ACT-ACTF4201-415-DCC8 Datasheet
381Kb / 6P
   RF filter
ACTF4201/415/DCC8 ACT-ACTF4201/415/DCC8 Datasheet
381Kb / 6P
   RF filter
More results

Similar Description - ACTF4230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com