Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12022LVAP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC12022LVAP
Description  MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12022LVAP Datasheet(HTML) 3 Page - Motorola, Inc

  MC12022LVAP Datasheet HTML 1Page - Motorola, Inc MC12022LVAP Datasheet HTML 2Page - Motorola, Inc MC12022LVAP Datasheet HTML 3Page - Motorola, Inc MC12022LVAP Datasheet HTML 4Page - Motorola, Inc MC12022LVAP Datasheet HTML 5Page - Motorola, Inc MC12022LVAP Datasheet HTML 6Page - Motorola, Inc MC12022LVAP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC12022LVA MC12022LVB
3
MOTOROLA RF/IF DEVICE DATA
A
H
G
F
E
D
In
MC
In
SW
Out
Q
S
Q
C
QB
D
Q
C
QB
D
QB
C
Q
D
C
QB
D
QB
C
Q
D
QB
C
Q
D
B
QB
C
Q
D
C
QB
C
Q
D
M
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release
Figure 1. Logic Diagram (MC12022LVA)
Figure 2. Modulus Setup Time
Figure 3. Typical Output Waveforms
(
÷128, 1.1GHz Input Frequency, VCC = 5.0V, TA = 25°C, Output Loaded)
(
÷64, 500MHz Input Frequency, VCC = 5.0V, TA = 25°C, Output Loaded)
500 m
20 ns
500 m
20 ns
Figure 4. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000pF
C3 = 0.1
µF
CL = 12pF (Including Scope
and jig capacitance)
RL = 2.2kΩ (at +5.0Vdc)
RL = 1.1kΩ (at +2.7Vdc)
CL
MC Input
C2
C1
C3
VCC = 2.7 to 5.0Vdc
50
Sine Wave Generator
SW
VCC
OUT
GND
MC
IN
IN
RL


Similar Part No. - MC12022LVAP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC120228BP MOTOROLA-MC120228BP Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AD MOTOROLA-MC12022AD Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AP MOTOROLA-MC12022AP Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022B MOTOROLA-MC12022B Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
More results

Similar Description - MC12022LVAP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
   첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com