Electronic Components Datasheet Search |
|
T89C51IC2-SLSCM Datasheet(PDF) 2 Page - ATMEL Corporation |
|
T89C51IC2-SLSCM Datasheet(HTML) 2 Page - ATMEL Corporation |
2 / 10 page 2 T89C51IC2 Rev. C – 3-Dec-01 In addition, the T89C51IC2 has a 32kHz Subsidiary clock Oscillator, a Programmable Counter Array, an XRAM of 1024 byte, a Hardware Watchdog Timer, a Keyboard Inter- face, a I2C Interface, a SPI Interface, a more versatile serial channel that facilitates multiprocessor communication (EUART) and a speed improvement mechanism (X2 mode). The fully static design of the T89C51IC2 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data. The T89C51IC2 has 2 software-selectable modes of reduced activity and 8 bit clock prescaler for further reduction in power consumption. In the Idle mode the CPU is frozen while the peripherals and the interrupt system are still operating. In the power-down mode the RAM is saved and all other functions are inoperative. The added features of the T89C51IC2 make it more powerful for applications that need pulse width modulation, high speed I/O and counting capabilities such as alarms, motor control, corded phones, smart card readers. Table 1. Memory Size Block Diagram PLCC44 VQFP44 1.4 Flash (bytes) XRAM (bytes) TOTAL RAM (bytes) I/O T89C51IC2 32k 1024 1280 34 Timer 0 INT RAM 256x8 WR RD EA PSEN ALE/ XTAL2 XTAL1 EUART CPU Timer 1 Ctrl (2) (2) C51 CORE (2) (2) (2) ( 2) Port 0 Port 1 Port 2 Port 3 Parallel I/O Ports & Ext. Bus XRAM 1Kx8 IB-bus PCA PROG Watch Dog (2) (2) (1) (1): Alternate function of Port 1 (2): Alternate function of Port 3 (1) Timer2 (1) (1) Port I2 Flas h 32K x8 or 16K x8 Key Board ROM 2Kx8 Boot + BRG SPI (1) (1) (1) (1) I2C |
Similar Part No. - T89C51IC2-SLSCM |
|
Similar Description - T89C51IC2-SLSCM |