Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C5115-SISIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T89C5115-SISIM
Description  Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-SISIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T89C5115-SISIM Datasheet HTML 6Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 7Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 8Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 9Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 10Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 11Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 12Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 13Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
10
T89C5115
4128A–8051–04/02
T2CON
C8h
Timer/Counter 2
control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2
Mode
–––––
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2
Reload/Capture High
byte
–––––
–––
RCAP2L
CAh
Timer/Counter 2
Reload/Capture Low
byte
–––––
–––
WDTRST
A6h
WatchDog Timer
Reset
–––––
–––
WDTPRG
A7h
WatchDog Timer
Program
–––––
S2
S1
S0
Table 5. Timers SFRs (Continued)
Mnemonic
Add
Name
765432
10
Table 6. Serial I/O Port SFRs
Mnemonic
Add
Name
765432
10
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
–––––
–––
SADEN
B9h
Slave Address Mask
–––––
–––
SADDR
A9h
Slave Address
–––––
–––
Table 7. PCA SFRs
Mnemo
-nic
Add Name
7
65
43
2
1
0
CCON
D8h
PCA Timer/Counter Control
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
CMOD
D9h
PCA Timer/Counter Mode
CIDL
WDTE
CPS1
CPS0
ECF
CL
E9h
PCA Timer/Counter Low byte
––
––
––
––
CH
F9h
PCA Timer/Counter High byte
CCAPM0
CCAPM1
DAh
DBh
PCA Timer/Counter Mode 0
PCA Timer/Counter Mode 1
ECOM0
ECOM1
CAPP0
CAPP1
CAPN0
CAPN1
MAT0
MAT1
TOG0
TOG1
PWM0
PWM1
ECCF0
ECCF1
CCAP0H
CCAP1H
FAh
FBh
PCA Compare Capture Module 0 H
PCA Compare Capture Module 1 H
CCAP0H7
CCAP1H7
CCAP0H6
CCAP1H6
CCAP0H5
CCAP1H5
CCAP0H4
CCAP1H4
CCAP0H3
CCAP1H3
CCAP0H2
CCAP1H2
CCAP0H1
CCAP1H1
CCAP0H0
CCAP1H0
CCAP0L
CCAP1L
EAh
EBh
PCA Compare Capture Module 0 L
PCA Compare Capture Module 1 L
CCAP0L7
CCAP1L7
CCAP0L6
CCAP1L6
CCAP0L5
CCAP1L5
CCAP0L4
CCAP1L4
CCAP0L3
CCAP1L3
CCAP0L2
CCAP1L2
CCAP0L1
CCAP1L1
CCAP0L0
CCAP1L0


Similar Part No. - T89C5115-SISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Similar Description - T89C5115-SISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Holtek Semiconductor In...
HT85F2230 HOLTEK-HT85F2230 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
   A/D Flash 8051 Core Low Pin Count MCU
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
STMicroelectronics
ST7LUS5 STMICROELECTRONICS-ST7LUS5 Datasheet
1Mb / 124P
   8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com