Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51IC2-SLSIM Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T89C51IC2-SLSIM
Description  8-bit Microcontroller with Flash and I2C Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51IC2-SLSIM Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T89C51IC2-SLSIM Datasheet HTML 2Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 3Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 4Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 5Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 6Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 7Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 8Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 9Page - ATMEL Corporation T89C51IC2-SLSIM Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
T89C51IC2
Rev. C – 3-Dec-01
I/O
CEX4: Capture/Compare External I/O for PCA module 4
I/O
MOSI: SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral. When SPI is
in slave mode, MOSI receives data from the master controller.
XTALA1
21
15
I
Crystal A 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTALA2
20
14
O
Crystal A 2: Output from the inverting oscillator amplifier
XTALB1
2
40
I
Crystal B 1: (Sub Clock) Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
XTALB2
1
39
O
Crystal B 2: (Sub Clock) Output from the inverting oscillator amplifier
P2.0-P2.7
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 2 pins that are externally pulled low will source current because
of the internal pull-ups. Port 2 emits the high-order address byte during fetches from
external program memory and during accesses to external data memory that use 16-bit
addresses (MOVX @DPTR).In this application, it uses strong internal pull-ups emitting
1s. During accesses to external data memory that use 8-bit addresses (MOVX @Ri),
port 2 emits the contents of the P2 SFR. Some Port 2 pins receive the high order
address bits during EPROM programming and verification:
P2.0 to P2.5 for 16Kb devices
P2.0 to P2.6 for 32Kb devices
P3.0-P3.7
11,
13-19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 3 pins that are externally pulled low will source current because
of the internal pull-ups. Port 3 also serves the special features of the 80C51 family, as
listed below.
11
5
I
RXD (P3.0): Serial input port
13
7
O
TXD (P3.1): Serial output port
14
8
I
INT0 (P3.2): External interrupt 0
15
9
I
INT1 (P3.3): External interrupt 1
16
10
I
T0 (P3.4): Timer 0 external input
17
11
I
T1 (P3.5): Timer 1 external input
18
12
O
WR (P3.6): External data memory write strobe
19
13
O
RD (P3.7): External data memory read strobe
PI2.0-PI2.1
34, 12
28, 6
Port I2: Port I2 is an open drain. It can be used as inputs (must be polarized to Vcc
with external resistor to prevent any parasitic current consumption).
34
28
I/O
SCL (PI2.0): I2C Serial Clock
SCL output the serial clock to slave peripherals
SCL input the serial clock from master
12
6
I/O
SDA (PI2.1): I2C Serial Data
SDA is the bidirectional I2C data line
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44 1.4


Similar Part No. - T89C51IC2-SLSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
More results

Similar Description - T89C51IC2-SLSIM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com