Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12430 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC12430
Description  HIGH FREQUENCY PLL CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12430 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC12430 Datasheet HTML 3Page - Motorola, Inc MC12430 Datasheet HTML 4Page - Motorola, Inc MC12430 Datasheet HTML 5Page - Motorola, Inc MC12430 Datasheet HTML 6Page - Motorola, Inc MC12430 Datasheet HTML 7Page - Motorola, Inc MC12430 Datasheet HTML 8Page - Motorola, Inc MC12430 Datasheet HTML 9Page - Motorola, Inc MC12430 Datasheet HTML 10Page - Motorola, Inc MC12430 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC12430
TIMING SOLUTIONS
BR1333 — Rev 6
7
MOTOROLA
Power Supply Filtering
The MC12430 is a mixed analog/digital product and as
such it exhibits some sensitivities that would not necessarily
be seen on a fully digital product. Analog circuitry is naturally
susceptible to random noise, especially if this noise is seen
on the power supply pins. The MC12430 provides separate
power supplies for the digital ciruitry (VCC) and the internal
PLL (PLL_VCC) of the device. The purpose of this design
technique is to try and isolate the high switching noise digital
outputs from the relatively sensitive internal analog
phase–locked loop. In a controlled environment such as an
evaluation board this level of isolation is sufficient. However,
in a digital system environment where it is more difficult to
minimize noise on the power supplies a second level of
isolation may be required. The simplest form of isolation is a
power supply filter on the PLL_VCC pin for the MC12430.
NO TAG illustrates a typical power supply filter scheme.
The MC12430 is most susceptible to noise with spectral
content in the 1KHz to 1MHz range. Therefore the filter
should be designed to target this range. The key parameter
that needs to be met in the final filter design is the DC voltage
drop that will be seen between the VCC supply and the
PLL_VCC pin of the MC12430. From the data sheet the
IPLL_VCC current (the current sourced through the PLL_VCC
pin) is typically 15mA (20mA maximum), assuming that a
minimum of 3.0V must be maintained on the PLL_VCC pin
very little DC voltage drop can be tolerated when a 3.3V VCC
supply is used. The resistor shown in NO TAG must have a
resistance of 10–15
Ω to meet the voltage drop criteria. The
RC filter pictured will provide a broadband filter with
approximately 100:1 attenuation for noise whose spectral
content is above 20KHz. As the noise frequency crosses the
series resonant point of an individual capacitor it’s overall
impedance begins to look inductive and thus increases with
increasing frequency. The parallel capacitor combination
shown ensures that a low impedance path to ground exists
for frequencies well above the bandwidth of the PLL.
Figure 3. Power Supply Filter
PLL_VCC
VCC
MC12430
0.01
µF
22
µF
0.01
µF
3.3V or
5.0V
RS=10–15Ω
A higher level of attenuation can be acheived by replacing
the resistor with an appropriate valued inductor. A 1000
µH
choke will show a significant impedance at 10KHz
frequencies and above. Because of the current draw and the
voltage that must be maintained on the PLL_VCC pin a low
DC resistance inductor is required (less than 15
Ω). Generally
the resistor/capacitor filter will be cheaper, easier to
implement and provide an adequate level of supply filtering.
The MC12430 provides sub–nanosecond output edge
rates and thus a good power supply bypassing scheme is a
must. NO TAG shows a representaive board layout for the
MC12430. There exists many different potential board
layouts and the one pictured is but one. The important aspect
of the layout in NO TAG is the low impedance connections
between VCC and GND for the bypass capacitors.
Combining good quality general purpose chip capacitors with
good PCB layout techniques will produce effective capacitor
resonances at frequencies adequate to supply the
instantaneous switching current for the 12430 outputs. It is
imperative that low inductance chip capacitors are used; it is
equally important that the board layout does not introduce
back all of the inductance saved by using the leadless
capacitors. Thin interconnect traces between the capacitor
and the power plane should be avoided and multiple large
vias should be used to tie the capacitors to the buried power
planes. Fat interconnect and large vias will help to minimize
layout induced inductance and thus maximize the series
resonant point of the bypass capacitors.
Figure 4. PCB Board Layout for MC12430
C2
1
C3
R1
Xtal
C1
C1
R1 = 10–15
C1 = 0.01
µF
C2 = 22
µF
C3 = 0.1
µF
= VCC
= GND
= Via
Note the dotted lines circling the crystal oscillator
connection to the device. The oscillator is a series resonant
circuit and the voltage amplitude across the crystal is
relatively small. It is imperative that no actively switching
signals cross under the crystal as crosstalk energy coupled
to these lines could significantly impact the jitter of the device.
Special attention should be paid to the layout of the crystal to
ensure a stable, jitter free interface between the crystal and
the on–board oscillator.
Although the MC12430 has several design features to
minimize the susceptibility to power supply noise (isolated
power and grounds and fully differential PLL) there still may
be applications in which overall performance is being
degraded due to system power supply noise. The power
supply filter and bypass schemes discussed in this section


Similar Part No. - MC12430

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Similar Description - MC12430

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com