Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13145 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC13145
Description  UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13145 Datasheet(HTML) 1 Page - Motorola, Inc

  MC13145 Datasheet HTML 1Page - Motorola, Inc MC13145 Datasheet HTML 2Page - Motorola, Inc MC13145 Datasheet HTML 3Page - Motorola, Inc MC13145 Datasheet HTML 4Page - Motorola, Inc MC13145 Datasheet HTML 5Page - Motorola, Inc MC13145 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MC13145
UHF WIDEBAND
RECEIVER SUBSYSTEM
(LNA, Mixer, VCO, Prescalar,
IF Subsystem,
Coilless Detector)
FTA SUFFIX
PLASTIC PACKAGE
CASE 932
(LQFP–48)
48
1
Order this document by MC13145/D
Device
Temperature Range
Package
ORDERING INFORMATION
XC13145FTA
–40
° to +85°C
LQFP– 48
ESD Sensitive — Handle with Care
1
MOTOROLA RF/IF DEVICE DATA
Product Preview
Low Power Integrated Receiver
for ISM Band Applications
The MC13145 is a dual conversion integrated RF receiver intended for
ISM band applications. It features a Low Noise Amplifier (LNA), two 50
W
linear Mixers with linearity control, Voltage Controlled Oscillator (VCO),
second LO amplifier, divide by 64/65 dual modulus Prescalar, split IF
Amplifier and Limiter, RSSI output, Coilless FM/FSK Demodulator and
power down control. Together with the transmit chip (MC13146) and the
baseband chip (MC33410), a complete 900 MHz cordless phone system can
be implemented. This device may be used in applications within 2.0 GHz
since its RF bandwidth is greater than 2.4 GHz.
Low (<1.8 dB @ 900 MHz) Noise Figure LNA with 14 dB Gain
Externally Programmable Mixer linearity: IIP3 = 10(nom.) to +20 dBm
(Mixer1); IIP3 = 10 (nom.) to 20 dBm (Mixer2)
50 W Mixer Input Impedance and Open Collector Output (Mixer 1 and
Mixer 2); 50
W Second LO (LO2) Input Impedance
Low Power 64/65 Dual Modulus Prescalar (MC12053 type)
Split IF for Improved Filtering and Extended RSSI Range
Internal 330 W Terminations for 10.7 MHz Filters
Linear Coilless FM/FSK Demodulator with Externally Programmable
Bandwidth, Center Frequency and Audio level
2.7 V to 6.5 V Operation, Low Current Drain (<30 mA @ 3.0 V) with
Power Down Mode (<1.0
mA)
2.4 GHz RF, 1.0 GHz IF1 and 50 MHz IF2 Bandwidth
PIN CONNECTIONS AND FUNCTIONAL BLOCK DIAGRAM
VEE
BWadj
Lim Dec2
Lim Dec1
Lim In
VCC
VCC
IF Out
VEE
LNA In
VEE
VEE
LNA Out
VEE
Mxr1In
Lin Adj1
13
14
15
16
18
19
20
48
47
46
45
44
43
42
41
25
26
29
30
31
32
27
28
12
11
8
7
6
5
10
9
Enable
oscC
oscE
oscB
43
2
1
33
34
35
36
IF Dec2
IF Dec1
IF In
VEE
40
39
38
37
17
21
22
23
24
Lim
Demod
LNA
/64, 65
S
IF
LO
RF
IF2
IF1
This document contains information on a product under development. Motorola
reserves the right to change or discontinue this product without notice.
© Motorola, Inc. 1998
Rev 0


Similar Part No. - MC13145

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13145FTA LANSDALE-MC13145FTA Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
MC13145FTA LANSDALE-MC13145FTA Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
More results

Similar Description - MC13145

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com