Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74275143 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74275143
Description  WE-UKW EMI Suppression 6-Hole Ferrite Bead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74275143 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74275143 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275143 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.1
1.0
REV
2014-06-05
2013-11-26
DATE
SSt
SSt
BY
SSt
MHB
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-UKW EMI Suppression 6-Hole Ferrite
Bead
Order.- No.
74275143
SIZE
A4
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74275143

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427511 WURTH-7427511 Datasheet
78Kb / 3P
   5-Hole SMD Ferrite Bead WE-SUKW
7427512 WURTH-7427512 Datasheet
1Mb / 6P
   WE-SUKW SMD EMI Suppression 5-Hole Ferrite Bead
74275123 WURTH-74275123 Datasheet
953Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
001.000
More results

Similar Description - 74275143

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74275043 WURTH-74275043 Datasheet
900Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
005.008
7427503 WURTH-7427503 Datasheet
895Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275243 WURTH-74275243 Datasheet
853Kb / 5P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
74275022 WURTH-74275022 Datasheet
951Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
007.000
7427501 WURTH-7427501 Datasheet
948Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.010
7427504 WURTH-7427504 Datasheet
897Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.010
74275013 WURTH-74275013 Datasheet
900Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.009
74275011 WURTH-74275011 Datasheet
949Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275023 WURTH-74275023 Datasheet
952Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.010
74275123 WURTH-74275123 Datasheet
953Kb / 7P
   WE-UKW EMI Suppression 6-Hole Ferrite Bead
001.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com