Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5844AA0CA-I4T1U3 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-5844AA0CA-I4T1U3
Description  TEMPERATURE SWITCH IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5844AA0CA-I4T1U3 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-5844AA0CA-I4T1U3 Datasheet HTML 1Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 2Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-5844AA0CA-I4T1U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.6_01
S-5844A Series
3
Product Name Structure
Users are able to select the detection temperature, output form and logic, hysteresis temperature, and package for the
S-5844A Series.
1. Product name
S-5844A xx x x - xxxx U 3
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
I4T1: SNT-4A, Tape
A4T2: HSNT-4 (1010), Tape
Hysteresis temperature
*2
A:
5°C
B:
10°C
C:
15°C
D:
20°C
Output form and output logic
*3
A:
CMOS output, active "H"
B:
CMOS output, active "L"
C:
Nch open-drain output, active "H"
D:
Nch open-drain output, active "L"
Detection temperature
*4
50 to 95, A0
(When detection temperature is
+80°C, it is expressed as 80.
When detection temperature is
+100°C, it is expressed as A0.)
*1.
Refer to the tape drawing.
*2.
The hysteresis temperature is selectable in 5
°C, 10°C, 15°C, or 20°C.
However, if the detection temperature is
+50°C, select the hysteresis temperature in 5°C or 10°C.
*3.
For the DET pin output, selectable the output logic active "H" or active "L".
For the DET pin output, selectable the output form CMOS or Nch open-drain.
*4.
Detection temperature (TDET) is settable in
+50°C to +100°C, in +5°C step.
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-4A
PF004-A-P-SD
PF004-A-C-SD
PF004-A-R-SD
PF004-A-L-SD
HSNT-4 (1010)
PL004-A-P-SD
PL004-A-C-SD
PL004-A-R-SD
PL004-A-L-SD


Similar Part No. - S-5844AA0CA-I4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5844AA0CA-I4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com