Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5855ACDA-M5T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5855ACDA-M5T1U
Description  PWM OUTPUT TEMPERATURE SENSOR IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5855ACDA-M5T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5855ACDA-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5855ACDA-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
S-5855A Series
www.sii-ic.com
PWM OUTPUT TEMPERATURE SENSOR IC
© SII Semiconductor Corporation, 2010-2013
Rev.1.2_01
1
The S-5855A Series, developed by CMOS technology, is a 1-wire PWM output temperature sensor IC of low current
consumption that itself changes the duty ratio according to temperature.
The duty ratio decreases from 100% if exceeding the temperature set by user, and this decrease is linear against the
temperature rise.
The output form is selectable from CMOS output and Nch open-drain output.
Its small packages SNT-4A and SOT-23-5 enable high-density mounting.
Features
• PWM output
: 1-wire PWM interface
• Temperature accuracy
:
±3.0°C
• Duty ratio change-start temperature
: Selectable from
+40°C to +80°C in 10°C step
• Duty ratio temperature sensitivity
: Selectable from
−1 %/°C to −4 %/°C in 1 %/°C step
• Low current consumption
: 50
μA typ. (Ta = +25°C)
• Low power supply voltage
: 1.65 V to 5.5 V
• Wide range of operation temperature
: Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
Application
• Temperature compensation for LED instruments
Packages
• SNT-4A
• SOT-23-5


Similar Part No. - S-5855ACDA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S-5852ABCBC-A8T1U4 SII-S-5852ABCBC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results

Similar Description - S-5855ACDA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
SI7022-A20 SILABS-SI7022-A20 Datasheet
997Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com