Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5855AAAB-M5T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-5855AAAB-M5T1U
Description  PWM OUTPUT TEMPERATURE SENSOR IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5855AAAB-M5T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-5855AAAB-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5855AAAB-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
Rev.1.2_01
S-5855A Series
3
Product Name Structure
1. Product name
S-5855 A
x
x
x
− xxxx
U
Duty ratio temperature sensitivity
A
−1 %/°C
B
2 %/°C
C
3 %/°C
D
4 %/°C
Package name (abbreviation) and packing specifications
*1
I4T1 :SNT-4A, Tape
M5T1 :SOT-23-5, Tape
Output form
A
CMOS output
B
Nch open-drain output
Environmental code
U
Lead-free (Sn 100%), halogen-free
Duty ratio change-start temperature
A
+40°C
B
+50°C
C
+60°C
D
+70°C
E
+80°C
*1. Refer to the tape drawing.
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
SNT-4A
PF004-A-P-SD
PF004-A-C-SD
PF004-A-R-SD
PF004-A-L-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD


Similar Part No. - S-5855AAAB-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S-5852ABCBC-A8T1U4 SII-S-5852ABCBC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results

Similar Description - S-5855AAAB-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
SI7022-A20 SILABS-SI7022-A20 Datasheet
997Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com