Electronic Components Datasheet Search |
|
S-5844A95BC-I4T1U3 Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
S-5844A95BC-I4T1U3 Datasheet(HTML) 9 Page - Seiko Instruments Inc |
9 / 28 page TEMPERATURE SWITCH IC (THERMOSTAT IC) Rev.2.6_01 S-5844A Series 9 DC Electrical Characteristics 1. CMOS output product Table 9 (VDD = 3.0 V, Ta = +25°C unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Test Circuit Power supply voltage VDD − 1.65 − 5.5 V 1 Detection temperature*1 +TD − TDET − 2.5 TDET TDET + 2.5 °C 1 Hysteresis temperature*2 THYS − − 5, 10, 15, 20 − °C 1 Output voltage VDETH IDETH = 0.5 mA VDD − 0.5 − − V 2 VDETL IDETL = 0.5 mA − − 0.5 V 3 Current consumption during operation IDD − − 0.18 0.5 μA 1 *1. TDET: Set value of detection temperature *2. The hysteresis temperature is selectable in 5 °C, 10°C, 15°C, or 20°C. However, if the detection temperature is +50°C, select the hysteresis temperature in 5°C or 10°C. 2. Nch open-drain output product Table 10 (VDD = 3.0 V, Ta = +25°C unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Test Circuit Power supply voltage VDD − 1.65 − 5.5 V 1 Detection temperature*1 +TD − TDET − 2.5 TDET TDET + 2.5 °C 1 Hysteresis temperature*2 THYS − − 5, 10, 15, 20 − °C 1 Output voltage VDETL IDETL = 0.5 mA − − 0.5 V 3 Leakage current ILEAK VDET = 5.5 V − − 0.1 μA 4 Current consumption during operation IDD − − 0.18 0.5 μA 1 *1. TDET: Set value of detection temperature *2. The hysteresis temperature is selectable in 5 °C, 10°C, 15°C, or 20°C. However, if the detection temperature is +50°C, select the hysteresis temperature in 5°C or 10°C. [Fahrenheit ⇔ Celsius conversion equation] °C = (°F − 32) × 5 / 9 °F = 32 + °C × 9 / 5 |
Similar Part No. - S-5844A95BC-I4T1U3 |
|
Similar Description - S-5844A95BC-I4T1U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |