Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5844A95BD-A4T2U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5844A95BD-A4T2U3
Description  TEMPERATURE SWITCH IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5844A95BD-A4T2U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5844A95BD-A4T2U3 Datasheet HTML 1Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-5844A95BD-A4T2U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-5844A Series
www.sii-ic.com
TEMPERATURE SWITCH IC (THERMOSTAT IC)
© SII Semiconductor Corporation, 2011-2014
Rev.2.6_01
1
The S-5844A Series is a temperature switch IC (thermostat IC) which detects the temperature with a temperature accuracy of
±2.5°C. The output inverts when temperature reaches the detection temperature. The S-5844A Series restores the output
voltage when the temperature drops to the level of release temperature.
The S-5844A Series operates at the lower power supply voltage of 1.65 V and its current consumption is 0.18
μA typ. due to
CMOS configuration.
A temperature sensor with the negative temperature coefficient, a reference voltage generation circuit and a comparator are
integrated on one chip, and enclosed into the packages SOT-23-5 and SNT-4A, and the super-small package HSNT-4 (1010).
Features
• Detection temperature:
TDET =
+50°C to +100°C, +5°C step, detection accuracy: ±2.5°C
• Low voltage operation:
VDD = 1.65 V min.
• Low current consumption:
IDD = 0.18
μA typ. (Ta = +25°C)
• Hysteresis temperature:
selectable in 5
°C, 10°C, 15°C or 20°C
• Selectable output logic in active "H" or active "L"
• Selectable output form in CMOS or Nch open-drain
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
Applications
• Fan control
• Air conditioning system
• Mobile phone
• Game console
• Various electronic devices
Packages
• SOT-23-5
• SNT-4A
• HSNT-4 (1010)


Similar Part No. - S-5844A95BD-A4T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5844A95BD-A4T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com