Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7029-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7029-Q1
Description  Small-Size, Low-Power, 8-Bit, 2-MSPS, SAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7029-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7029-Q1 Datasheet HTML 1Page - Texas Instruments ADS7029-Q1 Datasheet HTML 2Page - Texas Instruments ADS7029-Q1 Datasheet HTML 3Page - Texas Instruments ADS7029-Q1 Datasheet HTML 4Page - Texas Instruments ADS7029-Q1 Datasheet HTML 5Page - Texas Instruments ADS7029-Q1 Datasheet HTML 6Page - Texas Instruments ADS7029-Q1 Datasheet HTML 7Page - Texas Instruments ADS7029-Q1 Datasheet HTML 8Page - Texas Instruments ADS7029-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
ADS7029-Q1
SBAS811 – JANUARY 2017
www.ti.com
Product Folder Links: ADS7029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
AVDD to GND
–0.3
3.9
V
DVDD to GND
–0.3
3.9
V
AINP to GND
–0.3
AVDD + 0.3
V
AINM to GND
–0.3
0.3
V
Digital input voltage to GND
–0.3
DVDD + 0.3
V
Storage temperature, Tstg
–60
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
Analog supply voltage range
2.35
3.6
V
DVDD
Digital supply voltage range
1.65
3.6
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADS7029-Q1
UNIT
DCU (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
181.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.8
°C/W
RθJB
Junction-to-board thermal resistance
73.9
°C/W
ψJT
Junction-to-top characterization parameter
1.0
°C/W
ψJB
Junction-to-board characterization parameter
73.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - ADS7029-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028 TI1-ADS7028 Datasheet
661Kb / 70P
[Old version datasheet]   ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028IRTER TI1-ADS7028IRTER Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028IRTET TI1-ADS7028IRTET Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
More results

Similar Description - ADS7029-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com