Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE813QPWRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE813QPWRQ1
Description  Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE813QPWRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE813QPWRQ1 Datasheet HTML 2Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 3Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 4Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 5Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 6Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 7Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 9Page - Texas Instruments CDCE813QPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
CDCE813-Q1
SNAS705 – JANUARY 2017
www.ti.com
Product Folder Links: CDCE813-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
Jitter depends on configuration. Jitter data is for input frequency = 27 MHz, fVCO = 108 MHz, fOUT = 27 MHz (measured at Y2).
(3)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and the outputs are generated from the same divider.
(4)
odc depends on the output rise and fall time (tr and tf); data sampled on the rising edge (tr)
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VDD = 1.7 V, II = –18 mA
–1.2
V
II
LVCMOS input current
VI = 0 V or VDD, VDD = 1.9 V
±5
μA
IIH
LVCMOS input current for S0, S1,
and S2
VI = VDD, VDD = 1.9 V
5
μA
IIL
LVCMOS input current for S0, S1,
and S2
VI = 0 V, VDD = 1.9 V
–4
μA
CI
Input capacitance at Xin/CLK
VIClk = 0 V or VDD
6
pF
Input capacitance at Xout
VIXout = 0 V or VDD
2
Input capacitance at S0, S1, and S2
VIS = 0 V or VDD
3
CDCE813-Q1, LVCMOS PARAMETER FOR VDDOUT = 3.3-V MODE
VOH
LVCMOS high-level output voltage
VDDOUT = 3 V, IOH = –0.1 mA
2.9
V
VDDOUT = 3 V, IOH = –8 mA
2.4
VDDOUT = 3 V, IOH = –12 mA
2.2
VOL
LVCMOS low-level output voltage
VDDOUT = 3 V, IOL = 0.1 mA
0.1
V
VDDOUT = 3 V, IOL = 8 mA
0.5
VDDOUT = 3 V, IOL = 12 mA
0.8
tPLH, tPHL
Propagation delay
PLL bypass
3.2
ns
PLL enabled (fCLK = fVCO), 70 MHz ≤ fVCO
85 MHz
1.6
4.3
tr, tf
Rise and fall time
VDDOUT = 3.3 V (20%–80%)
0.6
ns
tjit(cc)
Cycle-to-cycle jitter(2)
1 PLL switching, Y2-to-Y3, 10,000 cycles
50
200
ps
tjit(per)
Peak-to-peak period jitter(2)
1 PLL switching, Y2-to-Y3
60
200
ps
tsk(o)
Output skew (see Table 2)(3)
fOUT = 50 MHz, Y1-to-Y3
440
ps
odc
Output duty cycle (4)
fVCO = 100 MHz, Pdiv = 1
45%
55%
CDCE813-Q1, LVCMOS PARAMETER FOR VDDOUT = 2.5-V MODE
VOH
LVCMOS high-level output voltage
VDDOUT = 2.3 V, IOH = –0.1 mA
2.2
V
VDDOUT = 2.3 V, IOH = –6 mA
1.7
VDDOUT = 2.3 V, IOH = –10 mA
1.6
VOL
LVCMOS low-level output voltage
VDDOUT = 2.3 V, IOL = 0.1 mA
0.1
V
VDDOUT = 2.3 V, IOL = 6 mA
0.5
VDDOUT = 2.3 V, IOL = 10 mA
0.7
tPLH, tPHL
Propagation delay
PLL bypass
3.6
ns
tr, tf
Rise and fall time
VDDOUT = 2.5 V (20%–80%)
0.8
ns
tjit(cc)
Cycle-to-cycle jitter(2)
1 PLL switching, Y2-to-Y3, 10,000 cycles
50
200
ps
tjit(per)
Peak-to-peak period jitter(2)
1 PLL switching, Y2-to-Y3
60
200
ps
tsk(o)
Output skew (see Table 2)(3)
fOUT = 50 MHz, Y1-to-Y3
440
ps
odc
Output duty cycle(4)
fVCO = 100 MHz, Pdiv = 1
45%
55%


Similar Part No. - CDCE813QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE813QPWRQ1 TI1-CDCE813QPWRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results

Similar Description - CDCE813QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com