Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPAx314-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPAx314-Q1
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAx314-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPAx314-Q1 Datasheet HTML 7Page - Texas Instruments OPAx314-Q1 Datasheet HTML 8Page - Texas Instruments OPAx314-Q1 Datasheet HTML 9Page - Texas Instruments OPAx314-Q1 Datasheet HTML 10Page - Texas Instruments OPAx314-Q1 Datasheet HTML 11Page - Texas Instruments OPAx314-Q1 Datasheet HTML 12Page - Texas Instruments OPAx314-Q1 Datasheet HTML 13Page - Texas Instruments OPAx314-Q1 Datasheet HTML 14Page - Texas Instruments OPAx314-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
OPA314-Q1, OPA2314-Q1, OPA4314-Q1
www.ti.com
SLOS896B – DECEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: OPA314-Q1 OPA2314-Q1 OPA4314-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, VS = 1.8 V to 5.5 V, unless otherwise noted.
The phrase overtemperature refers to values over the specified temperature range of TA = –40°C to 125°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Signifies the slower value of the positive or negative slew rate.
(4)
Third-order filter; bandwidth = 80 kHz at –3 dB.
INPUT CAPACITANCE
CIN
Differential
VS = 5 V
1
pF
Common-mode
VS = 5 V
5
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 1.8 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
90
115
dB
VS = 5.5 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
100
128
dB
VS = 1.8 V, 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ
(2)
90
100
dB
VS = 5.5 V, 0.5 V < VO < (V+) – 0.5 V, RL = 2 kΩ
(2)
94
110
dB
Open-loop voltage gain
overtemperature
VS = 5.5 V, 0.2 V < VO < (V+) – 0.2 V, RL = 10 kΩ
90
110
dB
VS = 5.5 V, 0.5 V < VO < (V+) – 0.2 V, RL = 2 kΩ
100
dB
Phase margin
VS = 5 V, G = 1, RL = 10 kΩ
65
degrees
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
VS = 1.8 V, RL = 10 kΩ, CL = 10 pF
2.7
MHz
VS = 5 V, RL = 10 kΩ, CL = 10 pF
3
MHz
SR
Slew rate (3)
VS = 5 V, G = 1
1.5
V/μs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step , G = 1
2.3
μs
To 0.01%, VS = 5 V, 2-V step , G = 1
3.1
μs
Overload recovery time
VS = 5 V, VIN × Gain > VS
5.2
μs
THD+N
Total harmonic distortion +
noise (4)
VS = 5 V, VO = 1 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
0.001%
OUTPUT
VO
Voltage output swing from
supply rails
VS = 1.8 V, RL = 10 kΩ
5
15
mV
VS = 5.5 V, RL = 10 kΩ
5
20
mV
VS = 1.8 V, RL = 2 kΩ
15
30
mV
VS = 5.5 V, RL = 2 kΩ
22
40
mV
Voltage output swing from
supply rails
overtemperature
VS = 5.5 V, RL = 10 kΩ
30
mV
VS = 5.5 V, RL = 2 kΩ
60
mV
ISC
Short-circuit current
VS = 5 V
±20
mA
RO
Open-loop output
impedance
VS = 5.5 V, f = 100 Hz
570
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per
amplifier
VS = 1.8 V, IO = 0 mA
130
180
µA
VS = 5 V, IO = 0 mA
150
190
µA
Quiescent current per
amplifier overtemperature
VS = 5 V, IO = 0 mA
220
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
44
µs
TEMPERATURE
Specified range
–40
125
°C
Operating range
–40
150
°C
Storage range
–65
150
°C


Similar Part No. - OPAx314-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX310 TI-OPAX310 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPAX310 TI-OPAX310 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPAX310 TI-OPAX310 Datasheet
4Mb / 55P
[Old version datasheet]   OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED SEPTEMBER 2022
OPAX310 TI-OPAX310 Datasheet
4Mb / 57P
[Old version datasheet]   OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPAX310 TI-OPAX310 Datasheet
4Mb / 57P
[Old version datasheet]   OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
More results

Similar Description - OPAx314-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com