Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2316QDGKQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2316QDGKQ1
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2316QDGKQ1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2316QDGKQ1 Datasheet HTML 1Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 2Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 3Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 4Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 5Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 6Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 7Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 8Page - Texas Instruments OPA2316QDGKQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
-45
0
45
90
135
180
225
270
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
VS = “2.75 V
VS = “0.9 V
C006
Phase
Gain
V
S = “2.75 V
V
S = “0.9 V
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA316-Q1, OPA2316-Q1, OPA4316-Q1
SBOS841A – NOVEMBER 2016 – REVISED JANUARY 2017
OPAx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational
Amplifier
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C5
Unity-Gain Bandwidth: 10 MHz
Low IQ: 400 µA/ch
Wide Supply Range: 1.8 V to 5.5 V
Low Noise: 11 nV/
√Hz at 1 kHz
Low Input Bias Current: ±5 pA
Offset Voltage: ±0.5 mV
Unity-Gain Stable
Internal RFI-EMI Filter
Extended Temperature Range: –40°C to +125°C
2 Applications
Automotive Applications:
ADAS
Body Electronics and Lighting
Current Sensing
Battery Management Systems
3 Description
The
OPAx316-Q1
family
of
single
and
dual
operational amplifiers represents a new generation of
general-purpose, low-power operational amplifiers.
Featuring rail-to-rail input and output swings, low
quiescent current (400 μA/ch typical) combined with a
wide bandwidth of 10 MHz and very-low noise
(11 nV/
√Hz at 1 kHz) makes this family suitable for
circuits requiring a good speed and power ratio. The
low input bias current supports those operational
amplifiers for applications with megaohm source
impedances. The low input bias current of the
OPAx316-Q1 yields a very-low current noise to make
the device attractive for high impedance sensor
interfaces.
The robust design of the OPAx316-Q1 provides ease-
of-use to the circuit designer: a unity-gain stable,
integrated RFI and EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These
devices
are
optimized
for
low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V). This latest addition of low-voltage CMOS
automotive grade operational amplifiers provide a
family of wide bandwidth, low noise, and low power
that meet the needs of a wide variety of applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA316-Q1
SOT-23 (5)
1.60 mm × 2.90 mm
OPA2316-Q1
VSSOP (8)
3.00 mm × 3.00 mm
OPA4316-Q1
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Single-Pole, Low-Pass Filter
Low-Supply Current (400 µA/ch) for 10-MHz
Bandwidth


Similar Part No. - OPA2316QDGKQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI1-OPA2316 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316ID TI1-OPA2316ID Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316IDGK TI1-OPA2316IDGK Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316IDGKR TI1-OPA2316IDGKR Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA2316QDGKQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
   Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com