Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL121000 Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # TPL121000
Description  Valve Regulated Lead Acid Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

TPL121000 Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  TPL121000_17 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 12 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77)
Eurobat (20℃) : 10-12 years, Long Life
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 60896-21/22:2004
Nominal Capacity
2216A
30A
Terminal hardware Torque
138.6 Kgf-cm / 120.3 Lbf-in / 13.58 N-m
Flame Retardant ABS (UL 94-V0)
Length (L)
511.6±2.5 mm
20.16±0.10 inch
Width (W)
110.0±1.5 mm
4.44±0.06 inch
Overall Height (H)
255.5±2.5 mm
10.11±0.10 inch
F.V/Time
15MIN
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
6HR
8HR
10HR
20HR
1.67V
186
118
69.1
50.2
40.1
29.6
23.8
19.8
16.9
13.0
10.6
5.56
1.70V
175
114
67.4
49.4
39.4
29.3
23.5
19.5
16.6
12.8
10.5
5.50
1.75V
157
106
64.0
47.3
38.0
28.4
22.8
18.8
16.0
12.5
10.3
5.38
1.80V
139
98.0
60.3
44.7
36.3
27.0
21.8
18.1
15.6
12.1
10.0
5.25
1.83V
129
92.5
58.0
43.5
35.1
26.1
21.1
17.6
15.2
11.7
9.63
5.13
1.85V
122
88.2
56.0
42.5
34.3
25.4
20.7
17.2
14.8
11.5
9.50
5.00
F.V/Time
15MIN
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
6HR
8HR
10HR
20HR
1.67V
1969
1272
757
554
446
331
268
223
191
147
120
63.1
1.70V
1878
1233
746
549
439
329
267
222
189
145
119
62.9
1.75V
1716
1161
723
534
428
322
261
216
185
144
118
62.3
1.80V
1549
1075
691
511
414
313
254
212
183
141
116
61.6
1.83V
1450
1025
669
502
405
305
246
207
179
138
114
60.6
1.85V
1382
994
655
496
399
299
241
203
175
136
113
59.5
Please refer to the official site for the latest rating confirmation. URL: www.csb-battery.com
Issued:
161227
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
BUSINESS HEADQUARTERS
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
Short Circuit Current
Maximum Charge Current
Terminal types
I2 thread lead alloy terminal to accept M6 bolt
Container Material
Dimensions (mm/inch)
Weight
Approx. 38.30 Kg (84.41 lbs)
Maximum Discharge Current
800A (5sec)
Internal Resistance
Approx. 3.70 mΩ
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)
100AH @8HR-rate to 1.75V per PCS @25℃ (77℉)
TPL series
TPL 121000 12V 100AH
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)


Similar Part No. - TPL121000_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
TPL121000 CSB-BATTERY-TPL121000_16 Datasheet
668Kb / 2P
   Cells per unit 6 Voltage per unit 12
More results

Similar Description - TPL121000_17

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ400 CSB-BATTERY-MSJ400_17 Datasheet
520Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ500 CSB-BATTERY-MSJ500_17 Datasheet
521Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ650 CSB-BATTERY-MSJ650_17 Datasheet
518Kb / 1P
   Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
   Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com