Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8305 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8305
Description  Silicon P Channel MOS Type (U-MOSII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8305 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8305 Datasheet HTML 1Page - Toshiba Semiconductor TPC8305 Datasheet HTML 2Page - Toshiba Semiconductor TPC8305 Datasheet HTML 3Page - Toshiba Semiconductor TPC8305 Datasheet HTML 4Page - Toshiba Semiconductor TPC8305 Datasheet HTML 5Page - Toshiba Semiconductor TPC8305 Datasheet HTML 6Page - Toshiba Semiconductor TPC8305 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8305
2002-04-18
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSII)
TPC8305
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs
Small footprint due to small and thin package
Low drain−source ON resistance : RDS (ON) = 24 mΩ (typ.)
High forward transfer admittance : |Yfs| = 12 S (typ.)
Low leakage current : IDSS = −10 µA (max) (VDS = −20 V)
Enhancement−mode : Vth = −0.5~ −1.2 V (VDS = −10 V, ID = −1mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
−5
Drain curren
Pulse
IDP
−20
A
Single-device
operation
(Note 3a)
PD (1)
1.5
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD(2)
1.0
W
Single-device
operation
(Note 3a)
PD (1)
0.75
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
32.5
mJ
Avalanche current
(Note 1)
IAR
−5
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, Note 3b, Note 5)
EAR
0.10
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4) and (Note 5), please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1E
Weight: 0.08 g (typ.)
Circuit Configuration


Similar Part No. - TPC8305

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8305 VBSEMI-TPC8305 Datasheet
1Mb / 8P
   Dual P-Channel 20V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8305 TOSHIBA-TPC8305_06 Datasheet
1Mb / 7P
   Lithium Ion Battery ApplicationsPortable Equipment ApplicationsNotebook PC Applications
More results

Similar Description - TPC8305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
   Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T_07 Datasheet
205Kb / 6P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM5G02TU TOSHIBA-SSM5G02TU_14 Datasheet
226Kb / 10P
   Silicon P Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
TPC8105-H TOSHIBA-TPC8105-H Datasheet
475Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com