Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809K33DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3809K33DBVR
Description  3-Pin Supply Voltage Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809K33DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3809K33DBVR Datasheet HTML 2Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 3Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 4Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 5Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 6Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 7Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 8Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 9Page - Texas Instruments TPS3809K33DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TA – Free-Air Temperature – C
o
–40
–20
0
20
40
60
85
VDD = 2.3 V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
1.0
0.8
VDD – Threshold Overdrive Voltage – V
TPS3809J25, TPS3809L30
TPS3809K33, TPS3809I50
SLVS228C – AUGUST 1999 – REVISED OCTOBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SPACE
SPACE
NORMALIZED INPUT THRESHOLD VOLTAGE
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
vs
FREE-AIR TEMPERATURE AT VDD
FREE-AIR TEMPERATURE AT VDD
Figure 5.
Figure 6.
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (July 2012) to Revision C
Page
Changed front page and page flow to match current standard look and feel ....................................................................... 1
Changed "Operating junction temperature range" to "Operating free-air temperature range" in Absolute Maximum
Ratings (typo) ........................................................................................................................................................................ 2
Changes from Revision A (October 2010) to Revision B
Page
Changed the Pull-up resistor value, RESET To: RESET current sink during startup in the Recommended Operating
Conditions Table ................................................................................................................................................................... 2
Changes from Original (August 1999) to Revision A
Page
Added Pull-up resistor value, RESET to the Recommended Operating Conditions Table .................................................. 2
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: TPS3809J25 TPS3809L30 TPS3809K33 TPS3809I50


Similar Part No. - TPS3809K33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809K33DBVR TI1-TPS3809K33DBVR Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809K33DBVR TI1-TPS3809K33DBVR Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809K33DBVRG4 TI1-TPS3809K33DBVRG4 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

Similar Description - TPS3809K33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com