Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS26602RHFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS26602RHFR
Description  60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS26602RHFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS26602RHFR Datasheet HTML 3Page - Texas Instruments TPS26602RHFR Datasheet HTML 4Page - Texas Instruments TPS26602RHFR Datasheet HTML 5Page - Texas Instruments TPS26602RHFR Datasheet HTML 6Page - Texas Instruments TPS26602RHFR Datasheet HTML 7Page - Texas Instruments TPS26602RHFR Datasheet HTML 8Page - Texas Instruments TPS26602RHFR Datasheet HTML 9Page - Texas Instruments TPS26602RHFR Datasheet HTML 10Page - Texas Instruments TPS26602RHFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7
TPS2660
www.ti.com
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 120 kΩ, IMON = FLT = OPEN, C(OUT) = 1 μF, C(dVdT) = OPEN.
(All voltages referenced to GND, (unless otherwise noted))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SCL)
Short-circuit current limit
R(ILIM) = 120 kΩ, V(IN) – V(OUT) = 5 V
0.08
0.1
0.12
A
R(ILIM) = 8 kΩ, V(IN) – V(OUT) = 5 V
1.425
1.5
1.575
R(ILIM) = 5.36 kΩ, V(IN) – V(OUT) = 5 V
2.11
2.23
2.35
I(FASTRIP)
Fast-trip comparator threshold
1.87 ×
I(OL) +
0.015
A
CURRENT MONITOR OUTPUT (IMON)
GAIN(IMON)
Gain factor I(IMON):I(OUT)
0.1 A
≤ I(OUT) ≤ 2 A
72
78.28
85
µA/A
PASS FET OUTPUT (OUT)
RON
IN to OUT total ON resistance
0.1 A
≤ I(OUT) ≤ 2 A, TJ = 25°C
140
150
160
0.1 A
≤ I(OUT) ≤ 2 A, TJ = 85°C
210
0.1 A
≤ I(OUT) ≤ 2 A, –40°C ≤ TJ
+125°C
80
150
250
Ilkg(OUT)
OUT leakage current in Off
state
V(IN) = 60 V, V(SHDN)= 0 V, V(OUT) = 0
V, sourcing
12
µA
V(IN) = 0 V, V(SHDN)= 0 V, V(OUT) = 24
V, sinking
11
V(IN) = –60 V, V(SHDN)= 0 V, V(OUT) =
0 V, sinking
35
V(REVTH)
V(IN) – V(OUT) threshold for
reverse protection comparator,
falling
–15
–10
–5
mV
V(FWDTH)
V(IN) – V(OUT) threshold for
reverse protection comparator,
rising
85
96
110
mV
FAULT FLAG (FLT): ACTIVE LOW
R(FLT)
FLT Pull-down resistance
V(OVP) = 2 V, I(FLT) = 5 mA sinking
40
85
160
Ω
I(FLT)
FLT Input leakage current
0 V
≤ V(FLT) ≤ 60 V
–100
100
nA
THERMAL SHUT DOWN (TSD)
T(TSD)
TSD threshold, rising
157
ºC
T(TSDhyst)
TSD hysteresis
10
ºC
MODE
MODE_SEL
Thermal fault mode selection
MODE = 402 k
Ω to RTN
Current limiting with Latch
MODE = Open
Circuit breaker mode with auto-
retry
MODE = Open (TPS26601 only)
Circuit breaker mode with latch
MODE = Short to RTN
Current limiting with Auto-retry


Similar Part No. - TPS26602RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26602 TI1-TPS26602 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26602PWPR TI1-TPS26602PWPR Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26602PWPT TI1-TPS26602PWPT Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Similar Description - TPS26602RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com