Electronic Components Datasheet Search |
|
TPS26602RHFT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS26602RHFT Datasheet(HTML) 3 Page - Texas Instruments |
3 / 49 page PowerPad TM 1 2 N.C 5 N.C N.C 3 N.C 4 N.C 6 7 N.C N.C 19 18 15 17 16 14 13 N.C GND ILIM IMON RTN SHDN MODE PowerPad TM 1 2 3 4 5 6 7 8 10 9 16 15 14 13 12 11 OVP UVLO IN MODE IN SHDN RTN N. C OUT OUT GND dVdT ILIM IMON FLT N.C 3 TPS2660 www.ti.com SLVSDG2A – JULY 2016 – REVISED AUGUST 2016 Product Folder Links: TPS2660 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 5 Device Comparison Table Part Number Over Voltage Protection Over Load Fault Response with MODE = Open TPS26600 Over voltage cut-off, adjustable Circuit breaker with auto-retry TPS26601 Over voltage cut-off, adjustable Circuit breaker with latch TPS26602 Over voltage clamp, fixed (38 V) Circuit breaker with auto-retry 6 Pin Configuration and Functions PWP Package 16-Pin HTSSOP Top View RHF Package 24-Pin VQFN Top View Pin Functions PIN TYPE DESCRIPTION NAME TPS26600/1/2 HTSSOP VQFN dVdT 12 20 I/O A capacitor from this pin to RTN sets output voltage slew rate See the Hot Plug- In and In-Rush Current Control section FLT 14 22 O Fault event indicator. It is an open drain output. If unused, leave floating GND 9 17 — Connect GND to system ground ILIM 11 19 I/O A resistor from this pin to RTN sets the overload and short-circuit current limit. See the Overload and Short Circuit Protection section IMON 10 18 O Analog current monitor output. This pin sources a scaled down ratio of current through the internal FET. A resistor from this pin to RTN converts current to proportional voltage. If unused, leave it floating IN 1-2 8-9 Power Power input and supply voltage of the device MODE 6 13 I Mode selection pin for over load fault response. See the Device Functional Modes section N.C. 4 , 13 1-7, 11, 21 — No Connect OUT 15-16 23-24 Power Power output of the device OVP 5 12 I Input for setting the programmable overvoltage protection threshold (For TPS26600/1 Only). An overvoltage event turns-off the internal FET and asserts FLT to indicate the overvoltage fault. Connect OVP pin to RTN pin externally to select the internal default threshold. For Over voltage clamp response (TPS26602 Only) connect OVP to RTN externally |
Similar Part No. - TPS26602RHFT |
|
Similar Description - TPS26602RHFT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |