Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809K33DBVTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3809K33DBVTG4
Description  3-Pin Supply Voltage Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809K33DBVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3809K33DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3809K33DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TPS3809J25, TPS3809L30
TPS3809K33, TPS3809I50
www.ti.com
SLVS228C – AUGUST 1999 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted).
TPS3800-xx, TPS3801-xx, TPS3802-
xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.5 V to 6 V IOH = –500 μA
VDD –0.2
VOH
High-level output voltage
VDD = 3.3 V IOH = –2 mA
VDD –0.4
V
VDD = 6 V IOH = –4 mA
VDD –0.4
VDD = 2 V to 6 V, IOL = 500 μA
0.2
VOL
Low-level output voltage
VDD = 3.3 V, IOL = 2 mA
0.4
V
VDD = 6 V, IOL = 4 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 50 μA
0.2
V
TPS3809J25
2.2
2.25
2.3
TPS3809L30
2.58
2.64
2.7
Negative-going input
VIT–
TA = –40°C to 85°C
V
threshold voltage(2)
TPS3809K33
2.87
2.93
2.99
TPS3809I50
4.45
4.55
4.65
TPS3809J25
30
TPS3809L30
35
Vhys
Threshold hysteresis
mV
TPS3809K33
40
TPS3809I50
60
VDD = 2 V, output unconnected
9
12
IDD
Supply current
μA
VDD = 6 V, output unconnected
20
25
Ci
Input capacitance
VI = 0 V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 μs/V.
(2)
To ensure the best stability of the threshold voltage, a bypass capacitor (0.1-
μF ceramic) should be placed near the supply terminals.
TIMING REQUIREMENTS
at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Pulse width
at VDD
VDD = VIT– + 0.2 V, VDD = VIT– –0.2 V
3
μs
SWITCHING CHARACTERISTICS
at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ VIT– + 0.2 V,
td
Delay time
120
200
280
ms
See timing diagram
VIL = VIT– – 0.2 V,
Propagation (delay) time, high-to-low-level
1
μs
tPHL
VDD to RESET delay
VIH = VIT– + 0.2 V
output
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3809J25 TPS3809L30 TPS3809K33 TPS3809I50


Similar Part No. - TPS3809K33DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809K33DBVTG4 TI1-TPS3809K33DBVTG4 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

Similar Description - TPS3809K33DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com