Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-010467-CD0B20 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-010467-CD0B20
Description  Surface mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-010467-CD0B20 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAFL-010467-CD0B20 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-010467-CD0B20 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-010467-CD0B20 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Filter, CATV Diplexer
5 - 65 / 108 - 1002 MHz
Rev. V2
MAFL-010467-CD0B20
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make chang-
es to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simulated
results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended Layout
Outline Drawing
Notes:
 Input and output track dimension = 1.15mm
 Gap dimension = 1.3mm
 It is not recommended to run tracks under the filter
unless they are greater than 1.6mm below the base.
 Ground should be 1.6mm below the base of the
filter.
 Area directly under the filter should be free from
copper.
 RF shield should be kept a minimum of 6mm above
the filter.
Recommended stack up as follows:
Note: Dimensions in mm (Tol +/-0.1 unless otherwise specified)
OFF-CHIP BOM:
C1 CAP, SMT, 0603, 9.1pF, +/-2%, 50V, COG
C2 CAP, SMT, 0402, 18pF, +/-2%, 50V, COG
C3 CAP, SMT, 0603, 36pF, +/-2%, 50V, COG
C4 CAP, SMT, 0402, 9.1pF, +/-2%, 50V, COG
C5 CAP, SMT, 0603, 15pF, +/-2%, 50V, COG
L1 & L2 INDUCTOR, SMT, 0402, 100nH, +/-5%


Similar Part No. - MAFL-010467-CD0B20

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-010464-CD0B20 MA-COM-MAFL-010464-CD0B20 Datasheet
757Kb / 4P
   Surface mount
MAFL-010465-CD0B20 MA-COM-MAFL-010465-CD0B20 Datasheet
183Kb / 3P
   Filter, MoCA Diplexer
MAFL-010465-CD0B20 MA-COM-MAFL-010465-CD0B20_15 Datasheet
183Kb / 3P
   Filter, MoCA Diplexer
More results

Similar Description - MAFL-010467-CD0B20

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com