Electronic Components Datasheet Search |
|
MAFL-011003 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAFL-011003 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 4 page 1 MoCA Band Pass Filter 500 - 3000 MHz Rev. V2 MAFL-011003 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Full temperature plots are available on request. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC Features Surface Mount 75 Ohm RoHS* Compliant Pb Free MoCA Application Description M/A-COM Technology Solutions’ MAFL-011003 is a surface mount Band Pass Filter unit designed for MoCA applications. Recommended Maximum Ratings Parameter Value Storage Temperature -40C to +85ºC Operating Temperature -40C to +85ºC DC Current 30mA RF Power +23.9dBm (250mW) Transient Voltage 200V Functional Schematic Electrical Specifications: Z0 = 75Ω, TA = 25ºC, Pin = 0dBm Parameter Units Min Typ Max Common to MoCA / MoCA to Common Rejection 500 - 565 MHz 565 - 575 MHz 950 - 960 MHz 960 - 3000 MHz Insertion Loss 650 - 875 MHz dB dB dB dB dB -35 -28.5 -32 -37 - -37 -30 34 40 -1.5 - - - - -3 Common Port Return Loss 650 - 875 MHz dB -9.5 -10 - Output Return Loss 650 - 875 MHz dB -9.5 -10 - Pin Configuration Function Pin Number Common Port (Input) 8 MoCA Port (Output) 3 Ground 1 - 2, 4 - 7 Not connected - Parameter Units Target Max Pass Band Flatness Any 50MHz band from 675 - 850 MHz 650-700 MHz 825-875 MHz dB dB dB 0.5 P-P 1.5 P-P 1.5 P-P |
Similar Part No. - MAFL-011003 |
|
Similar Description - MAFL-011003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |