Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-011003 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-011003
Description  MoCA Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-011003 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAFL-011003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-011003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-011003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-011003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MoCA Band Pass Filter
500 - 3000 MHz
Rev. V2
MAFL-011003
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
-80
-70
-60
-50
-40
-30
-20
-10
0
500
1000
1500
2000
2500
3000
Frequency (Mhz)
Insertion Loss
-30
-25
-20
-15
-10
-5
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Common Port Return Loss
-30
-25
-20
-15
-10
-5
0
500
1000
1500
2000
2500
3000
Output Port Return Loss


Similar Part No. - MAFL-011003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011012 MA-COM-MAFL-011012 Datasheet
143Kb / 4P
   CATV Diplex Filter
MAFL-011012-(2) MA-COM-MAFL-011012-(2) Datasheet
143Kb / 4P
   CATV Diplex Filter
MAFL-011012 MA-COM-MAFL-011012_15 Datasheet
143Kb / 4P
   CATV Diplex Filter
MAFL-011013 MA-COM-MAFL-011013 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013_15 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
More results

Similar Description - MAFL-011003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-010412-CL0AD0 MA-COM-MAFL-010412-CL0AD0 Datasheet
651Kb / 4P
   MoCA Application
MAFL-010639-CB0AD0 MA-COM-MAFL-010639-CB0AD0 Datasheet
693Kb / 5P
   MoCA Application
MAFL-010465-CD0B20 MA-COM-MAFL-010465-CD0B20 Datasheet
183Kb / 3P
   Filter, MoCA Diplexer
MAFL-011018 MA-COM-MAFL-011018_16 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023 MA-COM-MAFL-011023 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023-V1 MA-COM-MAFL-011023-V1 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-011026 MA-COM-MAFL-011026_16 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60 Datasheet
200Kb / 3P
   MoCA Triplex Filter
MAFL-010465-CD0B20 MA-COM-MAFL-010465-CD0B20_15 Datasheet
183Kb / 3P
   Filter, MoCA Diplexer
MAFL-011026 MA-COM-MAFL-011026_15 Datasheet
694Kb / 5P
   MoCA Triplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com