Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-S10035-045000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-S10035-045000
Description  Broadband Class AB Operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-S10035-045000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAGX-S10035-045000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-S10035-045000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
44
4
GaN on SiC HEMT Pulsed Power Transistor
45 W Peak, DC-3500 MHz, 1 ms Pulse, 10% Duty
Rev. V2
MAGX-000035-045000
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Test Fixture Assembly (2700-3500 MHz)
Contact factory for Gerber file or additional circuit information.
Correct Device Sequencing
Test Fixture Impedances
Turning the device ON
1. Set VGS to the pinch-off (VP), typically -5 V.
2. Turn on VDS to nominal voltage (+50V).
3. Increase VGS until the IDS current is reached.
4. Apply RF power to desired level.
Turning the device OFF
1. Turn the RF power off.
2. Decrease VGS down to VP.
3. Decrease VDS down to 0 V.
4. Turn off VGS.
INPUT
NETWORK
Zif
OUTPUT
NETWORK
Zof
F (MHz)
ZIF (Ω)
ZOF (Ω)
2700
7.7 - j3.9
7.5 + j3.0
2900
8.0 - j5.2
7.9 + j1.8
3100
7.2 - j6.8
7.5 + j8.3
3300
5.2 - j7.7
6.8 + j3.9
3500
3.1 - j7.1
6.0 + j7.1


Similar Part No. - MAGX-S10035-045000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-S00245-014000 MA-COM-MAGX-S00245-014000 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-S00245-025000 MA-COM-MAGX-S00245-025000 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-S32731-180L00 MA-COM-MAGX-S32731-180L00 Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-S10035-045000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98309 MAXIM-MAX98309 Datasheet
2Mb / 14P
   Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
logo
SONiX Technology Compan...
SNAP01 SONIX-SNAP01 Datasheet
153Kb / 15P
   Class AB Power Amplifier
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
New Jersey Semi-Conduct...
MS2203 NJSEMI-MS2203 Datasheet
121Kb / 2P
   CLASS A OPERATION
logo
RF Micro Devices
RFHA3960 RFMD-RFHA3960 Datasheet
1Mb / 12P
   Broadband Operation DC to 6GHz
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
   AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com