Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301IPAGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301IPAGR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IPAGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2301IPAGR Datasheet HTML 6Page - Texas Instruments TSC2301IPAGR Datasheet HTML 7Page - Texas Instruments TSC2301IPAGR Datasheet HTML 8Page - Texas Instruments TSC2301IPAGR Datasheet HTML 9Page - Texas Instruments TSC2301IPAGR Datasheet HTML 10Page - Texas Instruments TSC2301IPAGR Datasheet HTML 11Page - Texas Instruments TSC2301IPAGR Datasheet HTML 12Page - Texas Instruments TSC2301IPAGR Datasheet HTML 13Page - Texas Instruments TSC2301IPAGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
www.ti.com
2.46
2.465
2.47
2.475
2.48
2.485
2.49
2.495
2.5
–50
0
50
100
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
Temperature (C)
500
600
700
800
900
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
Temperature (C)
0.9
0.95
1
1.05
1.1
1.15
1.2
–50
0
50
100
–104.00
–103.00
–102.00
–101.00
–100.00
–99.00
–98.00
–97.00
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
400
450
500
550
600
650
700
750
–50
0
50
100
Temperature (5C)
2.085
2.09
2.095
2.1
2.105
2.11
2.115
2.12
2.125
2.13
–50
0
50
100
Temperature (C)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
INTERNAL 2.5-V REFERENCE
DAC OUTPUT CURRENT
TEMP2 DIODE VOLTAGE
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
TEMP1 DIODE VOLTAGE
MICBIAS
THD OF DAC (LINEOUT)
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
10


Similar Part No. - TSC2301IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2301IPAGR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com