Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U644B-FP Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U644B-FP
Description  Flasher, 18-m Shunt, Extremly Low Current Consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U644B-FP Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U644B-FP Datasheet HTML 1Page - TEMIC Semiconductors U644B-FP Datasheet HTML 2Page - TEMIC Semiconductors U644B-FP Datasheet HTML 3Page - TEMIC Semiconductors U644B-FP Datasheet HTML 4Page - TEMIC Semiconductors U644B-FP Datasheet HTML 5Page - TEMIC Semiconductors U644B-FP Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
U644B
TELEFUNKEN Semiconductors
Rev. A2, 25-Feb-97
1 (6)
Flasher, 18-m
W Shunt, Extremly Low Current Consumption
Description
The bipolar integrated circuit, U644B, is used in relay-
controlled automotive flashers where a high level EMC
is required. Lamp outage is indicated by frequency doub-
ling during hazard warning as well as direction mode.
If the flasher module provides an 4-pin connector the
control pin of U644B (Pin 6) can be used to operate the
IC in an extremly low-current mode.
Features
D Frequency doubling indicates lamp outage
D Frequency independent of temperature and voltage
change
D Relay driver output with high current-carrying
capacity and low saturation voltage
D Minimum lamp load for flasher operation: 1 W
D Very low susceptibility to EMI
D Protection according to ISO TR7637/1 level 4
D Control input (Kl 15)
Ordering Information
Extended Type Number
Package
Remarks
U644B
DIP8
U644B-FP
SO8
Block Diagram
V
S
–49 mV
Pulse
generator
GND
20 k
W
3.3 k
W
Relay
7
15
49 a
4
5
K
2
K
1
K
3
C
1
R
1
2
12707
R
3
49 a
Comparator K
2
49 a
Comparator K
3
2 k
W
20 k
W
20 k
W
20 k
W
13 k
W
30 V
6
3
8
1
Shunt
R
4
GND
–31
R
5
10 k
W
30
18 m
W
Measuring
comparator K
1
220
W
R
2
Figure 1. Application circuit as a car flasher with control input
Resistor R1, R2 and R3: 1/4 Watt
R2 for protection against continuous reversed polarity: 1 Watt


Similar Part No. - U644B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
logo
List of Unclassifed Man...
U641B ETC1-U641B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U641B ATMEL-U641B Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
243Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B-FP ATMEL-U641B-FP Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
More results

Similar Description - U644B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6432B ATMEL-U6432B Datasheet
199Kb / 9P
   Low-power Flasher IC with 18-m Shunt
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
169Kb / 8P
   FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
   Low-power Flasher IC with 18-mOHM Shunt
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
U643B ATMEL-U643B_05 Datasheet
251Kb / 9P
   Flasher, 30-mohm Shunt
U643B ATMEL-U643B Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com