Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2301IZQZR Datasheet(PDF) 5 Page - Texas Instruments

Part # TSC2301IZQZR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IZQZR Datasheet(HTML) 5 Page - Texas Instruments

  TSC2301IZQZR Datasheet HTML 1Page - Texas Instruments TSC2301IZQZR Datasheet HTML 2Page - Texas Instruments TSC2301IZQZR Datasheet HTML 3Page - Texas Instruments TSC2301IZQZR Datasheet HTML 4Page - Texas Instruments TSC2301IZQZR Datasheet HTML 5Page - Texas Instruments TSC2301IZQZR Datasheet HTML 6Page - Texas Instruments TSC2301IZQZR Datasheet HTML 7Page - Texas Instruments TSC2301IZQZR Datasheet HTML 8Page - Texas Instruments TSC2301IZQZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
www.ti.com
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, HPV
DD = AVDD = DVDD = +3.3 V, VREF = External 2.5 V, unless otherwise noted.
TSC2301
Parameter
Conditions
Units
Min
Typ
Max
Output power per channel
R = 32
14
mW
R = 16
27
mW
R = 16
Ω V
DD = 3.6V
32
mW
Signal-to-noise ratio, A-weighted
85
96
dB
Total harmonic distortion
R = 32
Ω 1-kHz, 0-dB input
-83
-70
dB
R = 16
Ω 1-kHz, -3-dB input
-77
dB
D/A Converter
Output current range
Measured with ARNG floating
0.75
1.10
mA
Resolution
8
Bits
Voltage Reference
TSC2301IPAG
2.34
2.49
2.54
Voltage range
Internal 2.5 V
V
TSC2301IGQZ
2.34
2.49
2.64
ppm/°
Reference drift
50
C
Current drain
20
µA
Digital Input / Output
Internal clock frequency
8.8
MHz
Logic family
CMOS
Logic level: VIH
IIH = 5 µA
0.7 VDD
V
VIL
IIL = 5 µA
-0.3
0.3 VDD
V
VOH
IOH = 2 TTL loads
0.8* DVDD
V
VOL
IOL = 2 TTL loads
0.2* DVDD
V
Power Supply Requirements
Power supply voltage
DVDD, AVDD, HPVDD
2.7
3.6
V
Quiescent current (1)
Touch screen only
1-kHz SAR sample rate, external Vref
14
µA
20-kHz SAR sample rate, internal
Touch screen only
1.7
mA
Vref
Stereo playback only
44.1-kHz Playback, VDD = 2.7V
10
mA
Voice record only
Mono 8-kHz record, VDD = 2.7V
5.8
mA
Power down
Audio fully powered down
.05
µA
(1)
For more details on power consumption, see the Audio Codec section of the description overview.
5


Similar Part No. - TSC2301IZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301IPAG TI1-TSC2301IPAG Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGG4 TI1-TSC2301IPAGG4 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2301IZQZR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com