Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-307275-0 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 1-307275-0
Description  Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-307275-0 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  1-307275-0 Datasheet HTML 1Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 2Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 3Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 7563
Rev B
4
of 4
B
C
A
1
2
3
4
5
6
7
8
9
10
DIE SPECIFICATIONS
REPLACEMENT PARTS
DIE
DIMENSION (Ref)
ITEM
DIE
DIE
DIE
DESCRIPTION
QTY
PER
DIE
NUMBER
A
B
C
ITEM
DIE
90240--2
DIE
90248--2
DIE
90280--1
DESCRIPTION
PER
ASSY
90240 2
56.64
15.85
28.63
1
59781--1
2--59781--3
59781--1
Die Holding Screw
1
90240--2
56.64
[2.230]
15.85
[.624]
28.63
[1.127]
2
2--59577--8
2--59577--9
2--59577--8
Saddle Screw
1
90248 2
56.64
15.85
26.24
3
1--307275--0
1--307275--2
1--307275--0
Saddle
1
90248--2
56.64
[2.230]
15.85
[.624]
26.24
[1.033]
4
1--59781--0
59781--6
59781--5
Die Holding Screw
1
90280 1
56.64
15.85
28.63
5
307276--5
2--307285--3
307276--1
Insulation Crimper
1
90280--1
56.64
[2.230]
15.85
[.624]
28.63
[1.127]
6
24088--8
24088--8
24088--8
Curved Washer
1
7
3--59619--7
3--59619--9
1--59619--2
Insulation Anvil
1
DIE WEIGHT (Ref)
8
1--21046--3
1--21046--3
1--21046--3
Retaining Ring
2
DIE WEIGHT (Ref)
142g[5oz.]
9
125719--1
125782--1
125969--1
Wire Crimper
1
g
10
125721--1
125781--1
125968--1
Wire Anvil
1
Figure 4


Similar Part No. - 1-307275-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-307275-0 TEC-1-307275-0 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
1-307275-0 TEC-1-307275-0 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307275-0 TEC-1-307275-0 Datasheet
186Kb / 7P
   Crimping Die Assemblies
More results

Similar Description - 1-307275-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9911 TEC-408-9911 Datasheet
86Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-8394 MACOM-408-8394 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-10055 MACOM-408-10055 Datasheet
113Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-9414 MACOM-408-9414 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-10050 TEC-408-10050 Datasheet
341Kb / 8P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
Tyco Electronics
408-9757 MACOM-408-9757 Datasheet
149Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-8590 MACOM-408-8590 Datasheet
218Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-8589 MACOM-408-8589 Datasheet
237Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
408-9745 MACOM-408-9745 Datasheet
101Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 5, REVISION SUMMARY.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com