Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEJ100PS12 Datasheet(PDF) 3 Page - XP Power Limited

Part # AEJ100PS12
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEJ100PS12 Datasheet(HTML) 3 Page - XP Power Limited

  AEJ100PS12 Datasheet HTML 1Page - XP Power Limited AEJ100PS12 Datasheet HTML 2Page - XP Power Limited AEJ100PS12 Datasheet HTML 3Page - XP Power Limited AEJ100PS12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AEJ100 Series
www.xppower.com
3
AC-DC Power Supplies
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55022
Level B
Conducted & Radiated
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
89
%
See Models and Ratings table and curves.
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
VDC
Negative output is connected to ground.
Switching Frequency
65
kHz
For PFC and Main Converter
Power Density
4.6
W/in3
Mean Time Between Failure
255
kHrs
24 V Version MIL-HDBK-217F at 25 °C GB, 115 VAC
Weight
1.07 (485)
lb (g)
Efficiency Curves
AEJ100PS12
AEJ100PS24
50%
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
115Vac input
230Vac Input
50%
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
115Vac input
230Vac input


Similar Part No. - AEJ100PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEJ36 XPPOWER-AEJ36 Datasheet
670Kb / 4P
   AC-DC Power Supplies
AEJ36US05 XPPOWER-AEJ36US05 Datasheet
670Kb / 4P
   AC-DC Power Supplies
AEJ36US09 XPPOWER-AEJ36US09 Datasheet
670Kb / 4P
   AC-DC Power Supplies
AEJ36US12 XPPOWER-AEJ36US12 Datasheet
670Kb / 4P
   AC-DC Power Supplies
AEJ36US15 XPPOWER-AEJ36US15 Datasheet
670Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - AEJ100PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com