Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEJ70US36 Datasheet(PDF) 3 Page - XP Power Limited

Part # AEJ70US36
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEJ70US36 Datasheet(HTML) 3 Page - XP Power Limited

  AEJ70US36 Datasheet HTML 1Page - XP Power Limited AEJ70US36 Datasheet HTML 2Page - XP Power Limited AEJ70US36 Datasheet HTML 3Page - XP Power Limited AEJ70US36 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AEJ70 Series
www.xppower.com
3
AC-DC Power Supplies
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55022
Level B
Conducted & Radiated
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
89
%
See Models and Ratings table and curves.
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
Negative output is connected to ground
Switching Frequency
65
kHz
Power Density
5.9
W/in3
Mean Time Between Failure
286
kHrs
MIL-HDBK-217F at 25 °C GB for 24 V version
Weight
0.6 (300)
lb (g)
Efficiency Curves
AEJ70US12
AEJ70US24
50%
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
115Vac input
230Vac input
50%
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
115Vac input
230Vac input


Similar Part No. - AEJ70US36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEJ100 XPPOWER-AEJ100 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS12 XPPOWER-AEJ100PS12 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS15 XPPOWER-AEJ100PS15 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS19 XPPOWER-AEJ100PS19 Datasheet
602Kb / 4P
   AC-DC Power Supplies
AEJ100PS24 XPPOWER-AEJ100PS24 Datasheet
602Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - AEJ70US36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com