Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA10-T Datasheet(PDF) 6 Page - XP Power Limited

Part # CA10-T
Description  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA10-T Datasheet(HTML) 6 Page - XP Power Limited

  CA10-T Datasheet HTML 1Page - XP Power Limited CA10-T Datasheet HTML 2Page - XP Power Limited CA10-T Datasheet HTML 3Page - XP Power Limited CA10-T Datasheet HTML 4Page - XP Power Limited CA10-T Datasheet HTML 5Page - XP Power Limited CA10-T Datasheet HTML 6Page - XP Power Limited CA10-T Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4745K01
PAGE 6
WWW.XPPOWER.COM
CA-T SERIES - ACCESSORY
1. Onboard Potentiometer: connect pins 7 to 4 and 8 to 3, turn
potentiometer to adjust high voltage.
2. Remote Potentiometer: connect wiper arm to pin 3, other sides
to pins 4 and 2.
3. Remote Analog Signal: apply programming voltage to pin 3,
return to pin 2.
PRODUCT DESCRIPTION
PRODUCT DESCRIPTION
PROGRAMMING OPTIONS / INSTRUCTIONS
3.04 (77.22)
.74 (18.80)
2.200 (55.88)
.37
(9.40)
ANODIZED
ALUMINUM
MOUNTING PLATE
1.57
(39.88)
#4-40 MTG HOLE
4 PLACES
MHV
CONNECTOR
OUTPUT
ADJUST
GAIN
15S SUB-MIN 'D'
RECEPTACLE
AMP # 747909-2
15P SUB MIN-D
PLUG (MALE)
AMP # 747841-4
1.80
(45.72)
1.33
(33.78)
.05 (1.27)
THICK
4.26
(108.20)
MTG HARDWARE
SUPPLIED
MHV
MATING
CONNECTOR
SOLDER
CUP SIDE
1
15
9
8
1.300
(33.02)
.25 (5.84)
.89 (22.56)
.50
(12.7)
1
15
8
1
8 15
HIGH
VOLTAGE
These adapters provide convenient proto-typing and evaluation during
system development and integration, and allow these modules to be
mounted to a chassis instead of designed in to a pc board. Extra filter-
ing on the input and output improves performance. A schottky diode on
the input provides reverse polarity protection. Input connector is via a
15P SUB MIN-D plug (mate supplied) and output is via an MHV style
coaxial connector (mate supplied).
ORDERING INFORMATION:
Please note when ordering a CM1 the CA-T Series is not included and
must be ordered separately.
CM1 (MHV): ALL CA MODELS


Similar Part No. - CA10-T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CA10 LITTELFUSE-CA10 Datasheet
180Kb / 3P
   SURFACE MOUNT ESD SUPPRESSORS, 8-Line CA10
logo
XP Power Limited
CA10 XPPOWER-CA10 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
   Cloud Access Point
logo
Calogic, LLC
CA1004 CALOGIC-CA1004 Datasheet
22Kb / 2P
   Micropower Voltage Reference
CA1004BY1 CALOGIC-CA1004BY1 Datasheet
22Kb / 2P
   Micropower Voltage Reference
More results

Similar Description - CA10-T

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com