Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT-BGA-6005 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # SBT-BGA-6005
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6005 Datasheet(HTML) 5 Page - Ironwood Electronics.

  SBT-BGA-6005 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6005 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6005 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6005 Datasheet HTML 4Page - Ironwood Electronics. SBT-BGA-6005 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev
Date Initials Description
A
7/12/10
VP Original
B
7/13/13 BHS Moved posts from middle guide and added those to socket base
C 03/12/15 GL/DH Updated PCB layout page to add bump outs.
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance
±10%, all other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: Revisions
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 7/12/10
Material:
Finish:
Weight:
SBT-BGA-6005 Drawing
SCALE: 2:1
SHEET: 5 OF 5
ENG: B. Schatz
FILE: SBT-BGA-6005
DRAWN BY: B. Schatz
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - SBT-BGA-6005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6000 IRONWOOD-SBT-BGA-6000 Datasheet
553Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6001 IRONWOOD-SBT-BGA-6001 Datasheet
371Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6002 IRONWOOD-SBT-BGA-6002 Datasheet
359Kb / 4P
   Low and stable contact resistance for reliable production yield
SBT-BGA-6003 IRONWOOD-SBT-BGA-6003 Datasheet
376Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6004 IRONWOOD-SBT-BGA-6004 Datasheet
460Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SBT-BGA-6005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com