Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE80US12 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECE80US12
Description  AC-DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECE80US12 Datasheet(HTML) 1 Page - XP Power Limited

  ECE80US12 Datasheet HTML 1Page - XP Power Limited ECE80US12 Datasheet HTML 2Page - XP Power Limited ECE80US12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECE80 Series
AC-DC Power Supplies
Summary
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Range
85
264
VAC
Derate load from 100% at 90 VAC to 90% at 85 VAC
No Load Input Power
<0.3
W
12-36 V versions
<0.5
W
48 V version
Efficiency
86
87
88
%
See note 4 above
Operating Temperature
-40
+70
°C
Some specification parameters may not met below -25 °C.
Derate linearly from 100% load at +50 °C to 50% load at
70 °C.
EMC
EN55022 & 32 Level B Conducted & Radiated, EN61000-4, EN61000-3
Safety Approvals
EN60950-1, UL60950-1, CSA22.2 No. 234 per cUL
The ECE80 series of compact encapsulated AC-DC power modules are available in both PCB &
chassis mount versions offering exceptional power density of >11W/in3. Output voltages are
available from 12 – 48 VDC and these “green power” modules offer high active mode efficiency and
low no load power consumption. They also provide a peak load capability up to 130% of nominal
power for up to 30s and a wide operating temperature range from -40 to +70°C.
• Ultra Compact Size
• Single Outputs from 12 to 48 V
• Encapsulated
• PCB, Chassis Mount and DIN Rail Versions
• <0.3 W No Load Input Power
• -40 to +70 °C Operation
• Peak Load Capability
• 3 Year Warranty
80 Watts
Dimensions:
ECE80:
3.60 x 1.80 x 1.10” (91.4 x 45.72 x 28.0 mm)
ECE80-S:
4.45 x 1.87 x 1.12” (113.0 x 47.5 x 28.5 mm)
www.xppower.com
1
Models & Ratings
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal power.
2. Add suffix -S to model number to denote chassis mount with screw terminal type, e.g. ECE80US12-S.
3. A screw terminal version (-S) is available with DIN Clip attached. Add suffix ‘D’, e.g. ECE80US24-SD. DIN Rail mounting clip is available as a separate item, order
code ECE80 DIN CLIP.
4. Average of efficiencies measured at 25%, 50%, 75% & 100% load with 230 VAC input.
Output Power
Output Voltage
Output Current
Efficiency (4)
Model Number (2,3)
Nominal
Peak (1)
80 W
12.0 V
6.67 A
8.67 A
88%
ECE80US12
80 W
15.0 V
5.33 A
6.93 A
88%
ECE80US15
80 W
24.0 V
3.33 A
4.33 A
87%
ECE80US24
80 W
36.0 V
2.22 A
2.89 A
87%
ECE80US36
80 W
48.0 V
1.67 A
2.17 A
87%
ECE80US48


Similar Part No. - ECE80US12

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE85A LSTD-ECE85A Datasheet
1Mb / 1P
   Silicone Elastomer with Silver Glass
More results

Similar Description - ECE80US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com