Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT-BGA-6019 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SBT-BGA-6019
Description  High speed, reliable SBT Pin connection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6019 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SBT-BGA-6019 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6019 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6019 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6019 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
SBT BGA Socket - Direct mount, solderless
High speed, reliable SBT Pin connection
Compression plate distributes forces evenly
Minimum real estate required
Features
Directly mounts to target PCB (needs tooling holes) with hardware.
Top View:
(fan removed)
Side View
(Section AA)
Easily removable swivel socket lid
45.00mm
45.00mm
A
A
Fan is not shown
Status: Released
Drawing: E Smolentseva
Scale: -
Rev: A
Date: 09/08/2012
Modified:
File: SBT-BGA-6019 Dwg.mcd
SBT-BGA-6019 Drawing
PAGE 1 of 4
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
1
5
8
6
3
Customer's Target PCB
Customer's
BGA IC
4
2
7
10
9
Socket Lid/ Heat sink: Ni plated Aluminum.
Socket base screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 15.875mm long.
1
Socket base: Ni plated Aluminum.
Thickness = 5mm.
10
Insulation Plate: FR4, Thickness = 1.59mm.
Compression screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 7.94mm long.
2
3
4
5
7
9
6
8
11
Backing Plate: Ni plated Aluminum.
Thickness = 4mm.
IC Frame: Ultem
Pin Guide: Ceramic Filled Peek
SBT pin: Stamped contact BeCu, Au plated
Spring: SS, Au plated
Gap Pad
Fan: 40x40x10mm
11
Recommended torque is
1 in lb per screw
Remove fan prior to
Applying torque to
Heat sink / compression
plate


Similar Part No. - SBT-BGA-6019

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6010 IRONWOOD-SBT-BGA-6010 Datasheet
714Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6011 IRONWOOD-SBT-BGA-6011 Datasheet
287Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6013 IRONWOOD-SBT-BGA-6013 Datasheet
590Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6014 IRONWOOD-SBT-BGA-6014 Datasheet
144Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6015 IRONWOOD-SBT-BGA-6015 Datasheet
199Kb / 3P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SBT-BGA-6019

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6004 IRONWOOD-SG-BGA-6004 Datasheet
73Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-7018 IRONWOOD-SG-BGA-7018 Datasheet
48Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6018 IRONWOOD-SG-BGA-6018 Datasheet
49Kb / 3P
   High speed, reliable Elastomer connection
CG-BGA-5020 IRONWOOD-CG-BGA-5020 Datasheet
370Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6406 IRONWOOD-SG-BGA-6406 Datasheet
522Kb / 5P
   High speed, reliable Elastomer connection
SG-BGA-6019 IRONWOOD-SG-BGA-6019 Datasheet
53Kb / 3P
   High speed, reliable Elastomer connection
GT-BGA-2005 IRONWOOD-GT-BGA-2005 Datasheet
631Kb / 5P
   High speed reliable elastomer connection
SG-MLF-7086 IRONWOOD-SG-MLF-7086 Datasheet
267Kb / 4P
   High speed, reliable Elastomer connection
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com