Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB291G-XX-AG6-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB291G-XX-AG6-R
Description  Charger Detection Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB291G-XX-AG6-R Datasheet(HTML) 9 Page - Unisonic Technologies

  UB291G-XX-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB291G-XX-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UB291
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R128-002.b
TYPICAL APPLICATION CIRCUIT
M1
M2
R1=100~470Ω
C1=0.1µF
R2=2.2kΩ
DO
CO
VDD
VSS
VM
Battery
EB+
EB-
UTC UB291
DS
Notes: 1. R1 and C1 stabilize a supply voltage ripple. However, the detection voltage rises by the current of
penetration in IC of the voltage detection when R1 is enlarged, and the value of R1 is adjusted to 1kohm
or less. Moreover, adjust the value of C1 to 0.01uF or more to do the stability operation, please.
2. R1 and R2 resistors are current limit resistance if a charger is connected reversibly or a high voltage
charger that exceeds the absolute maximum rating is connected. R1 and R2 may cause a power
consumption will be over rating of power dissipation, therefore the ’R1+R2’ should be more than 1kohm.
Moreover, if R2 is too enlarged, the charger connection release cannot be occasionally done after the
overdischarge is detected, so adjust the value of R2 to 10kohm or less, please.
3. C2 and C3 capacitors have effect that the system stability about voltage ripple or imported noise. After
check characteristics, decide that these capacitors should be inserted or not, where should be inserted,
and capacitance value, please.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UB291G-XX-AG6-R

ManufacturerPart #DatasheetDescription
logo
GREATECS
UB2 GREATECS-UB2 Datasheet
1Mb / 2P
   Bicolor illuminated Pushbutton Switches with Alternating Legends
logo
NEC
UB2 NEC-UB2 Datasheet
926Kb / 7P
   Miniature Relays
UB2 NEC-UB2 Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
Kemet Corporation
UB2 KEMET-UB2 Datasheet
1Mb / 17P
   Electronic switching systems
UB2-12NU KEMET-UB2-12NU Datasheet
1Mb / 17P
   Electronic switching systems
More results

Similar Description - UB291G-XX-AG6-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
Maxim Integrated Produc...
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
   USB Charger Detection with Integrated Overvoltage Protector
2018
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
   USB 2.0 Port Protection with Charger Detection
04/28/14
logo
Maxim Integrated Produc...
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
2012
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com