Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM140US15 Datasheet(PDF) 9 Page - XP Power Limited

Part # ECM140US15
Description  High Efficiency Resonant Topology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140US15 Datasheet(HTML) 9 Page - XP Power Limited

Back Button ECM140US15 Datasheet HTML 5Page - XP Power Limited ECM140US15 Datasheet HTML 6Page - XP Power Limited ECM140US15 Datasheet HTML 7Page - XP Power Limited ECM140US15 Datasheet HTML 8Page - XP Power Limited ECM140US15 Datasheet HTML 9Page - XP Power Limited ECM140US15 Datasheet HTML 10Page - XP Power Limited ECM140US15 Datasheet HTML 11Page - XP Power Limited ECM140US15 Datasheet HTML 12Page - XP Power Limited ECM140US15 Datasheet HTML 13Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Xxxxxxxxxx
xppower.com
9
Signals (cont.)
Remote On/Off (Inhibit/Enable) (Optional -A)
Figure 19
Example of outputs
switching on when
Inhibit (Lo) configuration
used & switch open
Figure 18
Example of outputs
switching off when
Inhibit (Lo) configuration
used & switch closed
Inhibit Hi
Pin 5
POWER SUPPLY
200
Ω
J3
Inhibit Lo
Pin 6
5 V Standby
Pin 1
Logic GND Pin
Pins 2 & 3
8 V Max
1 mA min
20 mA max
Figure 16
Inhibit (Hi)
8 V Max
Inhibit Hi
Pin 5
POWER SUPPLY
200
Ω
J3
Inhibit Lo
Pin 6
5 V Standby
Pin 1
Logic GND
Pins 2 & 3
1 mA min
20 mA max
Figure 17
Inhibit (Lo)
Inhibit
V2
V1
V3 (optional)
Inhibit
V2
V1
V3 (optional)


Similar Part No. - ECM140US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM140US15 XPPOWER-ECM140US15 Datasheet
149Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - ECM140US15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
YEV09T10 BEL-YEV09T10 Datasheet
640Kb / 11P
   High efficiency synchronous buck topology
logo
Allegro MicroSystems
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 SANKEN-STR-W6735 Datasheet
226Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com