Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM140US18 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECM140US18
Description  High Efficiency Resonant Topology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140US18 Datasheet(HTML) 4 Page - XP Power Limited

  ECM140US18 Datasheet HTML 1Page - XP Power Limited ECM140US18 Datasheet HTML 2Page - XP Power Limited ECM140US18 Datasheet HTML 3Page - XP Power Limited ECM140US18 Datasheet HTML 4Page - XP Power Limited ECM140US18 Datasheet HTML 5Page - XP Power Limited ECM140US18 Datasheet HTML 6Page - XP Power Limited ECM140US18 Datasheet HTML 7Page - XP Power Limited ECM140US18 Datasheet HTML 8Page - XP Power Limited ECM140US18 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Output Ripple & Noise
Figure 6
V1 ECM140US12 (full load)
27 mV pk-pk ripple. 20 MHz BW
xppower.com
4
Output Overshoot
Figure 5
Typical Output Overshoot
(ECM140US12 shown)


Similar Part No. - ECM140US18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM140US18 XPPOWER-ECM140US18 Datasheet
149Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - ECM140US18

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
YEV09T10 BEL-YEV09T10 Datasheet
640Kb / 11P
   High efficiency synchronous buck topology
logo
Allegro MicroSystems
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 SANKEN-STR-W6735 Datasheet
226Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com