Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL150PS13 Datasheet(PDF) 7 Page - XP Power Limited

Part # LCL150PS13
Description  SIngle Output Industrial Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL150PS13 Datasheet(HTML) 7 Page - XP Power Limited

Back Button LCL150PS13 Datasheet HTML 3Page - XP Power Limited LCL150PS13 Datasheet HTML 4Page - XP Power Limited LCL150PS13 Datasheet HTML 5Page - XP Power Limited LCL150PS13 Datasheet HTML 6Page - XP Power Limited LCL150PS13 Datasheet HTML 7Page - XP Power Limited LCL150PS13 Datasheet HTML 8Page - XP Power Limited LCL150PS13 Datasheet HTML 9Page - XP Power Limited LCL150PS13 Datasheet HTML 10Page - XP Power Limited LCL150PS13 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
xppower.com
7
Temperature Derating Curve
Electromagnetic Compatibility - Immunity (high severity level, EN61204-3)
ESD Points
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
±4 kV
A
Contact Discharge
±8 kV
Air Discharge
±8 kV
Coupling Plane Discharge
Radiated RF
EN61000-4-3
2
A
EFT
EN61000-4-4
2
A
Surge
EN61000-4-5
Installation Class 3
A
LCL150 & LCL300
Installation Class 2
LCL500
Conducted RF
EN61000-4-6
2
A
Magnetic Field
EN61000-4-8
1 A/m
A
Dips and Interruptions
EN61000-4-11
Dip:
30% 10 ms
A
Dip:
60% 100 ms
B
Dip: 100% 5000 ms
B
80
60
20
40
100
-10
0
Ambient (ºC)
10
20
30
40
60
50
70
80
60
20
40
100
-10
0
Ambient (ºC)
10
20
30
40
60
50
70
Figure 10 - LCL150 & LCL300
10 discharges at each polarity were applied at points indicated (contact and air discharges)
Figure 11 - LCL500
Mounting Holes
(4 on each side and 2 at bottom)
LCL150
LCL300
LCL500
Mounting Holes
(3 on each side and 4 at bottom)
Mounting Holes
(4 on each side and 4 at bottom)


Similar Part No. - LCL150PS13

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LCL150PS13 XPPOWER-LCL150PS13 Datasheet
450Kb / 4P
   150-500 Watts LCL Series
LCL150PS13 XPPOWER-LCL150PS13 Datasheet
449Kb / 4P
   150-500 Watts LCL Series
More results

Similar Description - LCL150PS13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com