Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3020 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V3020
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V3020 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V3020 Datasheet HTML 1Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 2Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 3Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 4Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 5Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 6Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 7Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 8Page - List of Unclassifed Manufacturers V3020 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
The V3020 will run slightly too fast, in order to allow the user to
adjust the frequency, depending on the mean operating
temperature. This is made since the crystal adjustment can only
work by lowering the frequency with an added capacitor
between XO and V . The printed circuit capacitance has also
SS
3
to be taken in consideration. The V3020 in DIL 8 package,
running with an 8.2 pF crystal at room temperature, will be
adjusted to better than ±1 s/day with a 6.8 pF capacitor.
Typical Standby Current at V
= 3 V
DD
510
490
470
450
430
410
390
370
350
-50
-30
-10
+10
0
T [ C]
A
Fig. 3a
+30
+50
+70
+90
Typical Standby Current at V
= 3 V and Extended Temperature
DD
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
-50
-30
-10
+10
+30
+50
+70
+90
+110
+130
0
T [ C]
A
Fig. 3b
V3020
R


Similar Part No. - V3020

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
V30200C VISHAY-V30200C Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5A
Revision: 17-Aug-15
More results

Similar Description - V3020

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com