Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSB60048S12 Datasheet(PDF) 5 Page - XP Power Limited

Part # QSB60048S12
Description  600-700 W Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB60048S12 Datasheet(HTML) 5 Page - XP Power Limited

  QSB60048S12 Datasheet HTML 1Page - XP Power Limited QSB60048S12 Datasheet HTML 2Page - XP Power Limited QSB60048S12 Datasheet HTML 3Page - XP Power Limited QSB60048S12 Datasheet HTML 4Page - XP Power Limited QSB60048S12 Datasheet HTML 5Page - XP Power Limited QSB60048S12 Datasheet HTML 6Page - XP Power Limited QSB60048S12 Datasheet HTML 7Page - XP Power Limited QSB60048S12 Datasheet HTML 8Page - XP Power Limited QSB60048S12 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
xppower.com
5
Output Voltage Adjustment
Figure 3. Test and output voltage trim configuration
Parallel Configuration
Load
+S
+V
-V
-S
PC
+S
+V
-V
-S
PC
Figure 4. Parallel configuration for current sharing
Notes.
Up to 4 converters to share within 90% max power.
The trim pin permits the user to adjust the output voltage up or down
according to the trim range specification (40% to 110% of nominal
output). This is accomplished by connecting resistor Rv between the
+Vout and +Sense pins and a resistor Rtrim between the trim and -
Sense pins. The trim pin should be left open if trimming is not being
used. The trim resistor can be determined by the following equations:
The capacitor C1 is recommended to be low ESR and is to balance the line indunctance on the input of the DC/DC converter. For stable
operation, connect a low impedance electrolytic capacitor C2 in the output terminals. When operated at lower temperature than -20 °C,
increasing the C2 capacitance with three or four times more than the recommended value.
Rtrim: KΩ, 6.2 kΩ recommended
Vo: Nominal Output Voltage
: Variable Resistor, KΩ
Rv
(Vo + R ) x Vf
v
Vtrim =
Rtrim x 33
Rtrim + 33
1.24 x
Vf =
Rtrim x 33
Rtrim + 33
7.68 +
DC
C1
R1
+Vin
-Vin
+SNS
Rtrim
C2
Load
+Vout
-Vout
-SNS
TRIM
+On/Off
C1: 220 µF/100 V
C2: 470 µF/100 V
Low ESR electrolytic
capacitors are recommended
-On/Off
v
Rv


Similar Part No. - QSB60048S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB XPPOWER-QSB Datasheet
153Kb / 4P
   Industry Standard Packages
logo
Qualtek Electronics Cor...
QSB-119-01 QUALTEK-QSB-119-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-40-01 QUALTEK-QSB-40-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-60-01 QUALTEK-QSB-60-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-80-01 QUALTEK-QSB-80-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
More results

Similar Description - QSB60048S12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFF500 EMERSON-NETWORKPOWER-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
NEC
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
logo
CUI INC
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
   up to 350 W isolated output
logo
Texas Instruments
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com