Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSB60048S32 Datasheet(PDF) 4 Page - XP Power Limited

Part # QSB60048S32
Description  600-700 W Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB60048S32 Datasheet(HTML) 4 Page - XP Power Limited

  QSB60048S32 Datasheet HTML 1Page - XP Power Limited QSB60048S32 Datasheet HTML 2Page - XP Power Limited QSB60048S32 Datasheet HTML 3Page - XP Power Limited QSB60048S32 Datasheet HTML 4Page - XP Power Limited QSB60048S32 Datasheet HTML 5Page - XP Power Limited QSB60048S32 Datasheet HTML 6Page - XP Power Limited QSB60048S32 Datasheet HTML 7Page - XP Power Limited QSB60048S32 Datasheet HTML 8Page - XP Power Limited QSB60048S32 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Remote Sensing
Figure 2. Remote Sense Connection Diagram
Load
R lead
R lead
+Vout
-Vout
+Sense
-Sense
Power Supply
xppower.com
4
Figure 1. Over current Profile
Overload Protection
After reaching the limit between 110% to 140% of Inom (current or power limit point), the output voltage will reduce and the unit will enter trip and
restart mode. Automatic recovery when overload is removed.
The QSB600 series converter has the capability to remotely sense both output lines. This automatically adjusts the output voltage in order to
compensate for voltage drops in distribution and maintain a regulated voltage at the point of load. The remote sense voltage range is:
≤ 10% of
Vo_nominal. If the remote sense is not used, the sense pins should be connected locally where +Sense pin should be connected to +Vout pin and -
Sense pin to -Vout pin.


Similar Part No. - QSB60048S32

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB XPPOWER-QSB Datasheet
153Kb / 4P
   Industry Standard Packages
logo
Qualtek Electronics Cor...
QSB-119-01 QUALTEK-QSB-119-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-40-01 QUALTEK-QSB-40-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-60-01 QUALTEK-QSB-60-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
QSB-80-01 QUALTEK-QSB-80-01 Datasheet
348Kb / 1P
   EMI Filter Shields for QLM Sleeves
More results

Similar Description - QSB60048S32

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFF500 EMERSON-NETWORKPOWER-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
NEC
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
   6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
logo
CUI INC
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
   up to 350 W isolated output
logo
Texas Instruments
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com