Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4834 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4834
Description  1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4834 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4834 Datasheet HTML 1Page - National Semiconductor (TI) LM4834 Datasheet HTML 2Page - National Semiconductor (TI) LM4834 Datasheet HTML 3Page - National Semiconductor (TI) LM4834 Datasheet HTML 4Page - National Semiconductor (TI) LM4834 Datasheet HTML 5Page - National Semiconductor (TI) LM4834 Datasheet HTML 6Page - National Semiconductor (TI) LM4834 Datasheet HTML 7Page - National Semiconductor (TI) LM4834 Datasheet HTML 8Page - National Semiconductor (TI) LM4834 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
-65˚C to +150˚C
Input Voltage
−0.3V to V
DD+0.3V
Power Dissipation
Internally limited
ESD Susceptibility (Note 4)
2000V
Pin 5
1500V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering
surface mount devices.
θ
JC (typ) — MSA028CB
29˚C/W
θ
JA (typ) — MSA028CB
95˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤TMAX
−40˚C
≤TA ≤ 85˚C
Supply Voltage
4.5
≤ V
DD ≤ 5.5V
Electrical Characteristics for Entire IC
(Notes 1, 2)
The following specifications apply for V
DD = 5V unless otherwise noted. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4834
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
V
DD
Supply Voltage
4.5
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO= 0A
17.5
26
mA (max)
I
SD
Shutdown Current
V
pin13 =VDD
0.6
2.0
µA (max)
Electrical Characteristics for Volume Attenuators
(Notes 1, 2)
The following specifications apply for V
DD = 5V. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4834
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
C
RANGE
Attenuator Range
Gain with V
pin 22 = 5V
2.6
3.65
dB (max)
Attenuation with V
pin 22 = 0V
-75
-88
dB (min)
A
M
Mute Attenuation
V
pin 15 = 5V, Sum Out
-92
-105
dB (max)
V
pin 15 = 5V, Line Out/Headphone
Amp
-92
-105
dB (max)
Electrical Characteristics for Microphone Preamp and Power Supply
(Notes 1, 2)
The following specifications apply forV
DD = 5V unless otherwise noted. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4834
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
V
OS
Offset Voltage
V
IN = 0V
0.9
mV
SNR
Signal to Noise Ratio
V
DD = 5V, RL =1k,f=1 kHz, VOUT =
4.7V, A-Wtd Filter
123
dB
V
SWING
Output Voltage Swing
f = 1 kHz, THD < 1.0%,R
L =1kΩ
4.72
V
E
NO
Input Referred Noise
A-Weighted Filter
1.2
µV
PSRR
Power Supply Rejection Ratio
f = 120 Hz, V
RIPPLE= 200 mVrms,
C
B=1µF
28
dB
V
S
Mic Power Supply
R
L =1kΩ, Bias In = 2.5V
2.5
2.5
V (min)
www.national.com
2


Similar Part No. - LM4834

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4830M NSC-LM4830M Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4830N NSC-LM4830N Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
   Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1013B PHILIPS-TDA1013B Datasheet
111Kb / 11P
   4 W audio power amplifier with DC volume control
July 1994
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Texas Instruments
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
National Semiconductor ...
LM4832 NSC-LM4832 Datasheet
688Kb / 22P
   Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com