Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83L785R Datasheet(PDF) 10 Page - Winbond

Part # W83L785R
Description  WINBOND H/W MONITORING IC FOR NOTEBOOK
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L785R Datasheet(HTML) 10 Page - Winbond

Back Button W83L785R Datasheet HTML 6Page - Winbond W83L785R Datasheet HTML 7Page - Winbond W83L785R Datasheet HTML 8Page - Winbond W83L785R Datasheet HTML 9Page - Winbond W83L785R Datasheet HTML 10Page - Winbond W83L785R Datasheet HTML 11Page - Winbond W83L785R Datasheet HTML 12Page - Winbond W83L785R Datasheet HTML 13Page - Winbond W83L785R Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
W83L785R/W83L785G
- 6 -
6. FUNCTIONAL DESCRIPTION
6.1 General Description
The W83L785R/G provides most 4 analog positive inputs, 2 fan speed monitors, 2 sets for fan PWM
(Pulse Width Modulation) control, 2 remote thermal inputs from remote thermistors or 2N3904
transistors or Pentium
TM II (Deschutes) thermal diode outputs. W83L785R/G also provides software
power down this chip to save power, but I2C interface is still working. When W83L785R/G starts the
monitor function on the chip, the Watch Dog machine monitors every function and store the value to
registers. If the monitor value exceeds the limit value, the interrupt status will be set to 1.
6.2 Access Interface
The W83L785R/G provides I
2C Serial Bus to read/write internal registers. In the W83L785R/G, the I2C
address defined value is 0101101.
6.2.1
The first serial bus access timing is shown as follow:
(a) Serial bus write to internal address register followed by the data byte
0
Start By
Master
01011
01
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
785R
R/W
Ack
by
785R
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
784R
Stop
by
Master
SCL
SDA (Continued)
78
0
7
8
0
78
Frame 2
Internal Index Register Byte
(Continued)
Frame 3
Data Byte
Frame 1
Serial Bus Address Byte
Figure 1. Serial Bus Write to Internal Address Register followed by the Data Byte
Ack
by
785R
(b) Serial bus read form internal address register followed by the data byte
0
Start By
Master
0
1011
01
D7
D6
D5
D4
D3
D2
D1
D0
ack
by
785R
R/W
ack
by
785R
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
784R
Stop by
Master
78
0
7
8
Frame 2
Internal Index Register Byte
Frame 4
Data Byte
Frame 1
Serial Bus Address Byte
Figure 2. Serial Bus read from Internal Address Register followed by the Data Byte
01234567801
345
26
7
1
01
1
00
1
R/W
8
ack
by
785R
Frame 3
Serial Bus Byte
ack
by
785R
SCL
SDA
SCL(Continued)
SDA(Continued)


Similar Part No. - W83L785R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
More results

Similar Description - W83L785R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83791G WINBOND-W83791G Datasheet
882Kb / 99P
   Winbond H/W Monitoring IC
W83783S WINBOND-W83783S_07 Datasheet
486Kb / 57P
   Winbond H/W Monitoring IC
W83L784AR WINBOND-W83L784AR Datasheet
478Kb / 54P
   WINBOND H/W MONITORING IC
W83791D WINBOND-W83791D Datasheet
636Kb / 46P
   W83791D Winbond H/W Monitoring IC
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com